Electronic Components Datasheet Search
  English  ▼

X  

LM5035 Datasheet(PDF) 9 Page - Texas Instruments

Part # LM5035
Description  LM5035B PWM Controller with Integrated Half-Bridge and SyncFET Drivers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5035 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM5035 Datasheet HTML 5Page - Texas Instruments LM5035 Datasheet HTML 6Page - Texas Instruments LM5035 Datasheet HTML 7Page - Texas Instruments LM5035 Datasheet HTML 8Page - Texas Instruments LM5035 Datasheet HTML 9Page - Texas Instruments LM5035 Datasheet HTML 10Page - Texas Instruments LM5035 Datasheet HTML 11Page - Texas Instruments LM5035 Datasheet HTML 12Page - Texas Instruments LM5035 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
TEMPERATURE (°C)
-40
0
40
80
120
65
70
75
80
85
90
95
100
105
RDLY = 27.4 k:
TEMPERATURE (°C)
-40
0
40
80
120
26
27
28
29
30
31
32
RDLY = 27.4 k:
-40
0
40
80
120
4000
4500
5000
5500
6000
6500
TEMPERATURE (ºC)
0
20
40
60
80
100
0
50
100
150
200
250
300
350
RDLY (k:)
T1
T2
LM5035B
www.ti.com
SNVS613C – JULY 2009 – REVISED APRIL 2013
Typical Performance Characteristics (continued)
RDLY
vs
Effective Comp Input Impedance
Deadtime
Figure 9.
Figure 10.
SR "T1" Parameter
SR "T2" Parameter
vs
vs
Temperature
Temperature
Figure 11.
Figure 12.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM5035B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com