Electronic Components Datasheet Search
  English  ▼

X  

LM5035C Datasheet(PDF) 5 Page - Texas Instruments

Part # LM5035C
Description  LM5035B PWM Controller with Integrated Half-Bridge and SyncFET Drivers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5035C Datasheet(HTML) 5 Page - Texas Instruments

  LM5035C Datasheet HTML 1Page - Texas Instruments LM5035C Datasheet HTML 2Page - Texas Instruments LM5035C Datasheet HTML 3Page - Texas Instruments LM5035C Datasheet HTML 4Page - Texas Instruments LM5035C Datasheet HTML 5Page - Texas Instruments LM5035C Datasheet HTML 6Page - Texas Instruments LM5035C Datasheet HTML 7Page - Texas Instruments LM5035C Datasheet HTML 8Page - Texas Instruments LM5035C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
LM5035B
www.ti.com
SNVS613C – JULY 2009 – REVISED APRIL 2013
Absolute Maximum Ratings
(1) (2)
VIN to GND
-0.3V to 105V
HS to GND
-1V to 105V
HB to GND
-0.3V to 118V
HB to HS
-0.3V to 18V
VCC to GND
-0.3V to 16V
RT, DLY to GND
-0.3V to 5.5V
COMP Input Current
10mA
CS
1.0V
All other inputs to GND
-0.3V to 7V
ESD Rating(3)
Human Body Model
2kV
Storage Temperature Range
-65°C to 150°C
Junction Temperature
150°C
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is intended to be functional. For ensured specifications and test conditions, see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. 2kV for all pins. The HB, HO, and HS
pins are rated for 150V, machine model.
Operating Ratings
(1)
VIN Voltage
13V to 105V
External Voltage Applied to VCC
8V to 15V
Operating Junction Temperature
-40°C to +125°C
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is intended to be functional. For ensured specifications and test conditions, see the Electrical Characteristics.
Electrical Characteristics
Specifications with standard typeface are for TJ = 25°C, and those with boldface type apply over full Operating Junction
Temperature range. VVIN = 48V, VVCC = 10V externally applied, RRT = 15.0 kΩ, RDLY = 27.4kΩ, VUVLO = 3V, VOVP = 0V unless
otherwise stated
(1) (2).
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Startup Regulator (VCC pin)
VVCC
VCC voltage
IVCC = 10mA
7.3
7.6
7.9
V
IVCC(LIM)
VCC current limit
VVCC = 7V
58
mA
VVCCUV
VCC Under-voltage threshold (VCC
VIN = VCC,
ΔVVCC from the regulation
0.2
0.1
V
increasing)
setpoint
VCC decreasing
VCC – PGND
5.5
6.2
6.9
V
IVIN
Startup regulator current
VIN = 90V, UVLO = 0V
30
70
µA
Supply current into VCC from external Outputs & COMP open, VVCC = 10V,
4
6
mA
source
Outputs Switching
Voltage Reference Regulator (REF pin)
VREF
REF Voltage
IREF = 0mA
4.85
5
5.15
V
REF Voltage Regulation
IREF = 0 to 10mA
25
50
mV
REF Current Limit
REF = 4.5V
15
20
mA
Under-Voltage Lock Out and shutdown (UVLO pin)
VUVLO
Under-voltage threshold
1.212
1.25
1.288
V
IUVLO
Hysteresis current
UVLO pin sinking
19
23
27
µA
Under-voltage Shutdown Threshold
UVLO voltage falling
0.3
V
(1)
All limits are specified. All electrical characteristics having room temperature limits are tested during production with TA = 25°C. All hot
and cold limits are specified by correlating the electrical characteristics to process and temperature variations and applying statistical
process control.
(2)
Typical specifications represent the most likely parametric norm at 25°C operation
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM5035B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com