Electronic Components Datasheet Search
  English  ▼

X  

LM5035C Datasheet(PDF) 10 Page - Texas Instruments

Part # LM5035C
Description  LM5035B PWM Controller with Integrated Half-Bridge and SyncFET Drivers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5035C Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM5035C Datasheet HTML 6Page - Texas Instruments LM5035C Datasheet HTML 7Page - Texas Instruments LM5035C Datasheet HTML 8Page - Texas Instruments LM5035C Datasheet HTML 9Page - Texas Instruments LM5035C Datasheet HTML 10Page - Texas Instruments LM5035C Datasheet HTML 11Page - Texas Instruments LM5035C Datasheet HTML 12Page - Texas Instruments LM5035C Datasheet HTML 13Page - Texas Instruments LM5035C Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
LOGIC
VIN
VCC
SS
RT/SYNC
OSCILLATOR
CLK
HS
0.25V
PWM
VREF
1V
FEEDFORWARD RAMP:
Vcc
UVLO
CS
RAMP
CLK + LEB
7.7V SERIES
REGULATOR
HO
HB
LO
VCC
COMP
SS
MAX V*S
CLAMP
UVLO
0.4V
2.5V
RES
CLK
2.5V
THERMAL
LIMIT
(165°C)
REF
1.25V
STANDBY
SHUTDOWN
VCC
T1
and
T2
Timer
VCC
SR1
SR2
DLY
OVP
1.25V
SS
+5V
20 PA
CURRENT
LIMIT LOGIC
Soft
Stop
S
R
Q
T
Q
Q
22 PA
+5V
+5V
+5V
SS Buffer
(Sink Only)
STANDBY
D
Q
S
R
Q
STANDBY
HICCUP
110 PA
12 PA
1 PA
110 PA
20 PA
REFERENCE
5k
AGND
PGND
LM5035B
SNVS613C – JULY 2009 – REVISED APRIL 2013
www.ti.com
Block Diagram
Figure 13.
10
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM5035B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com