Electronic Components Datasheet Search
  English  ▼

X  

LM5056 Datasheet(PDF) 40 Page - Texas Instruments

Part # LM5056
Description  High-Voltage System Power Management Device with PMBus™
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5056 Datasheet(HTML) 40 Page - Texas Instruments

Back Button LM5056 Datasheet HTML 36Page - Texas Instruments LM5056 Datasheet HTML 37Page - Texas Instruments LM5056 Datasheet HTML 38Page - Texas Instruments LM5056 Datasheet HTML 39Page - Texas Instruments LM5056 Datasheet HTML 40Page - Texas Instruments LM5056 Datasheet HTML 41Page - Texas Instruments LM5056 Datasheet HTML 42Page - Texas Instruments LM5056 Datasheet HTML 43Page - Texas Instruments LM5056 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 49 page
background image
Alert Mask D8h
From PMBus
From other
fault inputs
ARA Auto Mask
Set
Clear
Fault Condition
ARA Operation Flag Succeeded
Clear_Fault Command Received
SMBA
LM5056, LM5056A
SNVS827A – OCTOBER 2012 – REVISED APRIL 2013
www.ti.com
SMBA Response
The SMBA effectively has two masks:
1. The Alert Mask Register at D8h, and
2. The ARA Automatic Mask.
The ARA Automatic Mask is a mask that is set in response to a successful ARA read. An ARA read operation
returns the PMBus address of the lowest addressed part on the bus that has its SMBA asserted. A successful
ARA read means that THIS part was the one that returned its address. When a part responds to the ARA read, it
releases the SMBA signal. When the last part on the bus that has an SMBA set has successfully reported its
address, the SMBA signal de-asserts.
The way that the LM5056/LM5056A releases the SMBA signal is by setting the ARA Automatic mask bit for all
fault conditions present at the time of the ARA read. All status registers still show the fault condition, but it is not
generated and SMBA on that fault again until the ARA Automatic mask is cleared by the host issuing a
CLEAR_FAULTS command to this part. This should be done as a routine part of servicing an SMBA condition on
a part, even if the ARA read is not done. Figure 20 depicts a schematic version of this flow.
Figure 20. Typical Flow Schematic for SMBA Fault
40
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LM5056 LM5056A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com