Electronic Components Datasheet Search
  English  ▼

X  

LM5056 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM5056
Description  High-Voltage System Power Management Device with PMBus™
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5056 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM5056 Datasheet HTML 8Page - Texas Instruments LM5056 Datasheet HTML 9Page - Texas Instruments LM5056 Datasheet HTML 10Page - Texas Instruments LM5056 Datasheet HTML 11Page - Texas Instruments LM5056 Datasheet HTML 12Page - Texas Instruments LM5056 Datasheet HTML 13Page - Texas Instruments LM5056 Datasheet HTML 14Page - Texas Instruments LM5056 Datasheet HTML 15Page - Texas Instruments LM5056 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 49 page
background image
RS= I
FS
VS
SDAI
SCL
SMBA
VREF
DIODE
ADR0
ADR1
ADR2
VDD
DGND
AGND
VAUX
VIN
VIN_K
SENSE
SMBus
Interface
MMBT3904
LOAD
LM5056/
LM5056A
RS
+48V
CVDD
VIN
VOUT
CVREF
NC
NC
SDAO
OUT
CL
5.0V
NC
CVIN
CD
CS
LM5056, LM5056A
SNVS827A – OCTOBER 2012 – REVISED APRIL 2013
www.ti.com
APPLICATION INFORMATION
DESIGN-IN PROCEDURE
Refer to Figure 13 for the Typical Application Circuit diagram. The following is the step-by-step procedure for
hardware design of the LM5056/LM5056A. This procedure refers to section numbers that provide detailed
information on the following design steps. The recommended design-in procedure is as follows:
Figure 13. Typical Application Circuit
CURRENT Range (Selecting RS)
The LM5056/LM5056A monitors the input current by measuring the voltage across the sense resistor (RS),
connected from VIN_K to SENSE. The required resistor value is calculated from:
where
•
IFS is the expected full scale current and VS is the current sense voltage range based on the current select
range setting (CL).
(1)
If the voltage across RS reaches VS, the current measurement reaches the full-scale measurement. As
mentioned before, it is important to limit the current to the full-scale reading. While there is internal circuitry
intended to maintain the integrity of the other readings in the telemetry, the ADC and MUX are shared so
overranging an input may compromise the integrity of the other readings.
VS can be set to either 27.0 mV or 54.4 mV through software commands or the CL pin. This setting defaults to
the sense voltage set at the CL pin during start-up. The value can be set via the PMBus with the
DEVICE_SETUP (D9h) command, which defaults to the 27.0 mV setting. Once the full scale current, IFS is known
and the VS range is chosen, the sense resistor can be calculated. The maximum load current in normal operation
can be used to determine the required power rating for the sense resistor RS.
Connections from RS to the LM5056/LM5056A should be made using Kelvin techniques. In the suggested layout
of Figure 14 the small pads at the lower corners of the sense resistor connect only to the sense resistor
terminals, and not to the traces carrying the high current. With this technique, only the voltage across the sense
resistor is applied to VIN_K and SENSE, eliminating the voltage drop across the high-current solder connections.
12
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LM5056 LM5056A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com