Electronic Components Datasheet Search
  English  ▼

X  

LM7332 Datasheet(PDF) 21 Page - Texas Instruments

Part # LM7332
Description  LM7332 Dual Rail-to-Rail Input and Output 30-V, Wide Voltage Range, High Output, Operational Amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM7332 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM7332 Datasheet HTML 17Page - Texas Instruments LM7332 Datasheet HTML 18Page - Texas Instruments LM7332 Datasheet HTML 19Page - Texas Instruments LM7332 Datasheet HTML 20Page - Texas Instruments LM7332 Datasheet HTML 21Page - Texas Instruments LM7332 Datasheet HTML 22Page - Texas Instruments LM7332 Datasheet HTML 23Page - Texas Instruments LM7332 Datasheet HTML 24Page - Texas Instruments LM7332 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
LM7332
www.ti.com
SNOSAV4B – APRIL 2008 – REVISED JANUARY 2016
Typical Application (continued)
8.2.2 Detailed Design Procedure
The LM7332 can be used as a drive amplifier for SAR ADCs as shown in Figure 50.
The values of Rflt and Cflt depend on the ADC specifications as well as amplifier gain bandwidth product (GBWP)
and output resistance (RO). It is also common to have a single ground-referenced supply voltage and sample
signals up to half of the supply voltage with low distortion.
To determine whether or not the LM7332 is a suitable driver for this application, one must compare the settling
time of the amplifier to the acquisition time of the ADC with Equation 1:
GBWPmin ≥ 4 × (N+1) × ln(2) / (2π × tAQ)
where
•
GBWPmin: The minimum required gain bandwidth product of the drive amplifier
•
N: Number of bits in ADC
•
tAQ: The acquisition time of the ADC
(1)
Using a value of 12 bits for N and 1µs for tAQ, the GBWPmin must be greater than 5.7 MHz. The LM7332 has a
GBWP of 21 MHz so it is indeed a suitable driver for this application.
Next, determine the value of Cflt with Equation 2:
20 × CSH ≤ Cflt ≤ 60 × CSH
where
•
CSH: The ADC sample and hold capacitance
•
Cflt: The external filter capacitance
(2)
Using a value of 80 pF for CSH, the value of Cflt must be between 1600 pF and 4800 pF. According to Figure 39,
the LM7332 can drive a capacitive load of 2000 pF with 5 VPP and settle within 1 µs, therefore select 1800 pF as
the nearest common capacitor value within the range.
Next determine the value of Rflt with Equation 3:
Rflt = 40 / (2π × Cflt ×GBWPmin) – RO
where
•
Rflt: The external filter resistance
•
Cflt: The external filter capacitance determined above
•
GBWPmin: The minimum required gain bandwidth product of the drive amplifier determined above
•
RO: The closed loop output impedance of the drive amplifier typically specified in the electrical characteristics
table
(3)
Using a value of 1800 pF for Cflt, 5.7 MHz for GBWPmin, and a value of 3 Ω for RO the value of Rflt is determined
to be 617.5
Ω. Use closest value of 620 Ω for a filter frequency (fflt) of 142 kHz given Equation 4:
fflt=1 / (2π × (RO + Rflt) × Cflt)
(4)
The last requirement is to drive input signals of 2.5 VPP on a single 5-V supply with THD+N less than –80 dB.
Figure 51 shows the THD+N response of the LM7332 with a single supply voltage of 5 V. The LM7332 can
maintain THD+N levels as low as –83 dB for output levels up to 4 VPP. Therefore the final requirement has been
met, and the LM7332 is a suitable drive amplifier for the 12-bit SAR ADC in this design example.
Driving two independent channels of the SAR ADC within minimal crosstalk between the channels may also be
required. Figure 52 shows the crosstalk rejection over frequency. The LM7332 achieves 105 dB of crosstalk
rejection up to 20 kHz and greater than 75 dB up to 1MHz which demonstrates the suitability of measuring very
large input signals without interfering with adjacent channels.
Copyright © 2008–2016, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM7332



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com