Electronic Components Datasheet Search
  English  ▼

X  

LM7332 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM7332
Description  LM7332 Dual Rail-to-Rail Input and Output 30-V, Wide Voltage Range, High Output, Operational Amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM7332 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM7332 Datasheet HTML 8Page - Texas Instruments LM7332 Datasheet HTML 9Page - Texas Instruments LM7332 Datasheet HTML 10Page - Texas Instruments LM7332 Datasheet HTML 11Page - Texas Instruments LM7332 Datasheet HTML 12Page - Texas Instruments LM7332 Datasheet HTML 13Page - Texas Instruments LM7332 Datasheet HTML 14Page - Texas Instruments LM7332 Datasheet HTML 15Page - Texas Instruments LM7332 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
0
5
10
15
20
25
30
35
0
20
40
60
80
100
120
140
160
VS (V)
125°C
85°C
-40°C
25°C
RL = 10 k:
0
5
10
15
20
25
30
35
0
10
20
30
40
50
60
70
80
90
100
VS (V)
125°C
85°C
25°C
-40°C
RL = 2 k:
0
5
10
15
20
25
30
VS (V)
0
50
100
150
200
250
300
35
125°C
85°C
25°C
-40°C
RL = 2 k:
0.1
1
10
100
1000
ISOURCE (mA)
0.01
0.1
1
10
100
125°C
85°C
-40°C
25°C
VS = 30V
0.1
1
10
100
1000
ISINK (mA)
0.001
0.01
0.1
10
100
1
125°C
85°C
25°C
-40°C
VS = 30V
0.01
1
1000
ISOURCE (mA)
0.01
0.1
10
100
10
0.1
1
VS = 5V
125°C
85°C
25°C
-40°C
LM7332
SNOSAV4B – APRIL 2008 – REVISED JANUARY 2016
www.ti.com
Typical Characteristics (continued)
Unless otherwise specified, TA = 25°C.
Figure 19. Output Swing vs Sinking Current
Figure 20. Output Swing vs Sourcing Current
Figure 21. Output Swing vs Sourcing Current
Figure 22. Positive Output Swing vs Supply Voltage
Figure 23. Positive Output Swing vs Supply Voltage
Figure 24. Negative Output Swing vs Supply Voltage
12
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
Product Folder Links: LM7332



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com