Electronic Components Datasheet Search
  English  ▼

X  

HUB7M Datasheet(PDF) 1 Page - Sealevel Systems, Inc.

Part # HUB7M
Description  Rugged High-Speed 7-Port USB 2.0 Hub with SeaLATCH USB Ports
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.

HUB7M Datasheet(HTML) 1 Page - Sealevel Systems, Inc.

  HUB7M Datasheet HTML 1Page - Sealevel Systems, Inc. HUB7M Datasheet HTML 2Page - Sealevel Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rugged High-Speed 7-Port USB 2.0 Hub with SeaLATCH
USB Ports
Once associated only with consumer peripherals, USB I/O devices are commonly found in industrial, military and OEM applications.
The HUB7M is housed in a rugged metal enclosure and is ideal for adding USB ports to a SeaI/O data acquisition stack or a Relio
R1000 embedded solid-state industrial computer. The powered hub is USB 2.0 compliant, providing a full 480M bps data rate to the
host, and is backward compatible with USB 1.1 and 1.0 devices.
The HUB7M integrates Sealevel’s SeaLATCH locking USB ports, which are fully compatible with standard USB cables. When used
with the included USB cable with a SeaLATCH USB type B connector, the metal thumbscrew provides a secure metal-to-metal
connection to the hub and prevents accidental cable disconnection. The hub’s seven SeaLATCH USB type A connectors can secure
USB peripherals to the hub in the same way. Order optional USB cables with SeaLATCH USB connectors under the Accessories
tab, or use standard USB cables. Additionally, the highly-retentive type B connector helps prevent unintentional separation from a
standard USB cable.
The HUB7M includes an industrial-grade wall-mount power supply that outputs 12VDC @ 2A, providing a full 500mA to each
attached USB peripheral. Status LEDs on the hub indicate external power, connection to the host, and fault conditions. Standard
operating temperature range is 0°C to 70°C and extended temperature range (-40°C to 85°C) is optional.
Supported in Windows, Linux, and other USB aware operating systems, the HUB7M requires no separate software drivers and is easy
to install. Simply provide power to the hub using the included power supply, plug the hub into an available USB port with the included
cable, and the hub is automatically recognized.
For light industrial and commercial applications, check out the HUB7P.
Part: HUB7M | Model: 7-Port USB 2.0 Hub
WORLD CL AS S . A MERICAN M ADE.
Delivering Design & Manufacturing Excellence Since 1986


Similar Part No. - HUB7M

ManufacturerPart #DatasheetDescription
logo
Sealevel Systems, Inc.
HUB7I SEALEVEL-HUB7I Datasheet
646Kb / 2P
Isolated 7-Port USB Hub
HUB7P SEALEVEL-HUB7P Datasheet
673Kb / 2P
High Speed 7-Port USB 2.0 Hub
HUB7SS-BA SEALEVEL-HUB7SS-BA Datasheet
158Kb / 2P
Rugged SuperSpeed 7-Port USB 3.1 Hub
HUB7SSBA-OEM SEALEVEL-HUB7SSBA-OEM Datasheet
644Kb / 2P
Embedded Rugged SuperSpeed 7-Port USB 3.1 Hub with Battery Charging
More results

Similar Description - HUB7M

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB2507 SMSC-USB2507 Datasheet
796Kb / 44P
Integrated USB 2.0 Compatible 7-Port Hub
USB2507 SMSC-USB2507_07 Datasheet
610Kb / 44P
Integrated USB 2.0 Compatible 7-Port Hub
logo
Axiomtek Co., Ltd.
SBC84833 AXIOMTEK-SBC84833 Datasheet
261Kb / 1P
7 USB 2.0 ports
logo
List of Unclassifed Man...
U222-007-R ETC2-U222-007-R Datasheet
511Kb / 4P
7-Port USB 2.0 Hi-Speed Hub
logo
Tripp Lite. All Rights ...
U222007R TRIPPLITE-U222007R Datasheet
506Kb / 2P
7-Port USB 2.0 Hi-Speed Hub
logo
Exar Corporation
XR22417 EXAR-XR22417 Datasheet
795Kb / 17P
USB 2.0 7-Port Hub
logo
Microchip Technology
USB2507 MICROCHIP-USB2507 Datasheet
376Kb / 42P
Integrated USB 2.0 Compatible 7-Port Hub
06/23/16
USB2517 MICROCHIP-USB2517 Datasheet
785Kb / 58P
USB 2.0 Hi-Speed 7-Port Hub Controller
07/14/15
logo
List of Unclassifed Man...
FE2.1 ETC2-FE2.1 Datasheet
194Kb / 2P
USB 2.0 HIGH SPEED 7-PORT HUB CONTROLLER
logo
Tripp Lite. All Rights ...
U360-007C-2X3 TRIPPLITE-U360-007C-2X3 Datasheet
165Kb / 3P
7-Port USB 3.0 / USB 2.0 Combo Hub - USB Charging, 2 USB 3.0 & 5 USB 2.0 Ports
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com