Electronic Components Datasheet Search
  English  ▼

X  

HUB7M Datasheet(PDF) 2 Page - Sealevel Systems, Inc.

Part # HUB7M
Description  Rugged High-Speed 7-Port USB 2.0 Hub with SeaLATCH USB Ports
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.

HUB7M Datasheet(HTML) 2 Page - Sealevel Systems, Inc.

  HUB7M Datasheet HTML 1Page - Sealevel Systems, Inc. HUB7M Datasheet HTML 2Page - Sealevel Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Features & Specifications
Rugged High-Speed 7-Port USB 2.0 Hub with SeaLATCH USB Ports
Part: HUB7M | Model: 7-Port USB 2.0 Hub
Features
• Powered USB hub provides seven downstream USB ports with 500mA
available per port
• Sealevel’s SeaLATCH locking USB ports provide secure connection with
SeaLATCH USB cables via metal thumbscrews
• High-retention USB type B connector prevents accidental disconnection
of USB cable
• Status LEDs indicate external power, connection to the host, and fault
conditions
• USB (Universal Serial Bus) 2.0 compliant hub
• Backward compatible with USB 1.1 and USB 1.0 devices
• Supports high-speed 480M bps, full-speed 12M bps and low-speed
1.5M bps operation
• Supported in Microsoft Windows, Linux, and other USB aware operating
systems
• Includes wall-mount AC power supply that outputs 12VDC @ 2.5A
(Item# TR123)
• Includes 6′ USB type A to SeaLATCH USB type B device cable (Item#
CA356)
sealevel.com
+1 864.843.4343
SL9454 E22
Specifications
Communications Chip
USB Hub
Dimensions
7.5 (L) x 5.1 (W) x 1.3 (H)
Humidity Range
10 – 90% Relative Humidity, Non-
Condensing
Host Interface(s)
USB
Max Data Distance
5 Meters
Max Data Rate
480M bps
Operating Temperature
0°C to 70°C (32°F to 158°F)
# of Ports
7
Power Connector
Screw Terminals
Power Requirement
9-30 VDC @ 20W
Storage Temperature
-50°C to 105°C (-58°F to 221°F)
USB Specification
2.0 Compliant1.1, 1.0 Compatible



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com