Electronic Components Datasheet Search
  English  ▼

X  

HUB7SS-BA Datasheet(PDF) 1 Page - Sealevel Systems, Inc.

Part # HUB7SS-BA
Description  Rugged SuperSpeed 7-Port USB 3.1 Hub
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.

HUB7SS-BA Datasheet(HTML) 1 Page - Sealevel Systems, Inc.

  HUB7SS-BA Datasheet HTML 1Page - Sealevel Systems, Inc. HUB7SS-BA Datasheet HTML 2Page - Sealevel Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rugged SuperSpeed 7-Port USB 3.1 Hub
The HUB7SS-BA features a rugged, industrial-grade, metal housing, robust ESD protections, USB 3.1 compliance and backward
compatibility with legacy USB data rates. The HUB7SS-BA is designed to meet the advanced requirements for connecting multiple
USB peripherals in extreme environments while achieving SuperSpeed operation.
Redefining Rugged
The Rugged SuperSpeed USB 3.1 Hub checks every box for industrial use:
• USB 3.1 compliant, providing up to 5 Gb/s data rate to the host
• -40°C to +85° operating temperature
• Individual port power management
• 15kV ESD protections on USB 3.0 data lines
• 8kV ESD protections on USB 2.0 data lines
• Up to 1500mA available on all ports simultaneously
• Comprehensive input power protections (reverse polarity, voltage surge, overcurrent, under-voltage, over-voltage)
• Includes 2-meter USB 3.0 type A to USB 3.0 type B device cable (Item #CA783)
• Wide operating voltage range (9V-30V)
• Multiple Transaction Translator (MTT) design prevents data rate bottlenecks when legacy USB devices are attached
• Powered by your 9-30 VDC source or select an optional power supply (Item #TR152)
• Optional DIN rail mounting kit (Item #DR106)
Charging Downstream Ports
The HUB7SS-BA ships with port 7 configured as a Charging Downstream Port (CDP) capable of supplying up to 2.4A of current to
a connected device. The remaining six CDPs supply up to 1500 mA to each connected device. All CDPs are USB Battery Charging
Specification BCv1.2 compliant, ideal for charging batteries or powering high-current USB peripherals. The Multiple Transaction
Translator (MTT) design prevents speed limitations, enabling multiple high bandwidth devices to operate at SuperSpeed.
Each downstream port has a Bi-Color Status LED that indicates two types of connections:
• USB 3.1/3.0 connection to the host will cause the LED to illuminate GREEN
• USB 2.0/1.1/1.0 connection to the host with cause the LED to illuminate YELLOW
Part: HUB7SS-BA | Model: Rugged SuperSpeed 7-Port USB 3.1 Hub
Delivering Design & Manufacturing Excellence Since 1986


Similar Part No. - HUB7SS-BA

ManufacturerPart #DatasheetDescription
logo
Sealevel Systems, Inc.
HUB7SSBA-OEM SEALEVEL-HUB7SSBA-OEM Datasheet
644Kb / 2P
Embedded Rugged SuperSpeed 7-Port USB 3.1 Hub with Battery Charging
More results

Similar Description - HUB7SS-BA

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U360007 TRIPPLITE-U360007 Datasheet
493Kb / 2P
7-Port USB 3.0 SuperSpeed Hub with Dedicated 2A
U360004IND TRIPPLITE-U360004IND Datasheet
495Kb / 2P
4-Port Rugged Industrial USB 3.0 SuperSpeed Hub
U360004R TRIPPLITE-U360004R Datasheet
492Kb / 2P
4-Port USB 3.0 SuperSpeed Hub
U360007IND TRIPPLITE-U360007IND Datasheet
496Kb / 2P
7-Port Rugged Industrial USB 3.0 SuperSpeed Hub
logo
Texas Instruments
TUSB8043 TI1-TUSB8043 Datasheet
2Mb / 59P
Four-Port USB 3.1 Gen1 Hub
TUSB8041A TI1-TUSB8041A Datasheet
2Mb / 57P
Four-Port USB 3.1 Gen1 Hub
logo
SMSC Corporation
USB5534 SMSC-USB5534 Datasheet
146Kb / 4P
4-Port SuperSpeed USB Hub Controller
logo
IOGEAR
GUH326 IOGEAR-GUH326 Datasheet
149Kb / 3P
6-Port SuperSpeed USB 3.0 Hub
logo
Coolgear Inc.
CG-4PU31C1B1 COOLGEAR-CG-4PU31C1B1 Datasheet
121Kb / 3P
USB C Hub 4 Port USB 3.1 Gen1 SuperSpeed Type-B Upstream
CG-4PU31C2P COOLGEAR-CG-4PU31C2P Datasheet
120Kb / 3P
USB C Hub 4 Port USB 3.1 Gen1 SuperSpeed USB C Upstream
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com