Electronic Components Datasheet Search
  English  ▼

X  

HUB7SS-BA Datasheet(PDF) 2 Page - Sealevel Systems, Inc.

Part # HUB7SS-BA
Description  Rugged SuperSpeed 7-Port USB 3.1 Hub
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.

HUB7SS-BA Datasheet(HTML) 2 Page - Sealevel Systems, Inc.

  HUB7SS-BA Datasheet HTML 1Page - Sealevel Systems, Inc. HUB7SS-BA Datasheet HTML 2Page - Sealevel Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Features & Specifications
Rugged SuperSpeed 7-Port USB 3.1 Hub
Part: HUB7SS-BA | Model: Rugged SuperSpeed 7-Port USB 3.1 Hub
Features
• USB 3.1 hub provides seven Charging Downstream USB Ports (CDPs)
• One Charging Downstream Port (CDP) supplies up to 2.4A to a
connected device (Port 7)
• Six Charging Downstream Ports (CDPs) supply up to 1500mA to each
connected device
• CDPs are battery charging specification BCv1.2 compliant
• Supports SuperSpeed (5Gb/s), high-speed (480Mb/s), full-speed
(12Mb/s) and low-speed (1.5Mb/s) operation
• ESD protection
• ±8kV on Each USB 2.0 Data Line (D+, D-)
• ±15kV on Each USB 3.0 Data Line (SSTX+, SSTX-, SSRX+, SSRX-)
• Fully Supported in Microsoft Windows 8/10 and other USB-aware
operating systems (compatible with all operating systems that support
USB 1.1/2.0/3.0)
• Optional wall-mount AC power supply accessory outputs 24VDC @
2.71A (Item #152) and mates via the HUB7SS-BA’s included locking DC
terminal block/connector
• Includes 2-meter USB 3.0 type A to USB 3.0 type B device cable (Item
#CA783)
• Sealevel’s SeaLATCH locking USB 3.0 ports provide secure connection
with SeaLATCH USB 3.0 cables via metal thumbscrews
• Reverse polarity input voltage protection down to -40VDC with respect
to GND
• Overvoltage Protection against input voltage surges up to 80VDC with
respect to GND
• Overcurrent Protection against short circuits and excessive
load currents
Specifications
Communications
Chip
USB Hub (USB5807C)
Dimensions
7.5in (L) x 5.125in (W) x 1.75in (H)
Humidity Range
10 – 95% Relative Humidity,
Non-Condensing
Max Data Distance
(When Using USB
3.0 functionality)
3 Meters with Standard Passive USB
3.0 Cables, 18 Meters with an Active
USB 3.0 Cable
Max Data Distance
(When Using USB
2.0 Functionality)
5 Meters with Standard Passive USB
2.0 Cables, 30 Meters with an Active
USB 2.0 Cable
Max Data Rate
5 Gb/s (SuperSpeed)
Operating
Temperature
-40°C to 85°C (-40°F to 185°F)
# of Ports
7
Power
Requirement(s)
9-30VDC via TR152
RoHS Compliant
Yes
USB Specification
USB 3.1 Gen 1, SuperSpeed (USB 3.0)
Compliant; 2.0, 1.1, 1.0 Compatible
sealevel.com
+1 864.843.4343
SeaLATCH High-Retention, Locking Connectors
The HUB7SS-BA integrates Sealevel’s SeaLATCH locking USB
3.0 ports, which are fully compatible with standard USB cables.
Optional SeaLATCH USB cables provide a secure connection
to the device and prevents accidental cable disconnection. The
hub’s seven SeaLATCH USB 3.0 type A connectors can secure
downstream USB peripherals to the hub in the same way.
The ports are compatible with both SeaLATCH USB 3.0 and
SeaLATCH USB 2.0 cables.
Easy Installation & Use
Fully Supported in Microsoft Windows 8/10, and backward
compatible with Microsoft Windows XP/7, and other USB-aware
operating systems. The hub requires no separate drivers and is
easy to install.
Industrial Design & Operation
The HUB7SS-BA features a rugged, metal enclosure and can
be mounted utilizing the optional DIN Rail Mounting Kit (Item #
DR106). Standard operating temperature range is -40°C to 85°C.
SL9347G21



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com