Electronic Components Datasheet Search
  English  ▼

X  

LM25011 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM25011
Description  LM25011, LM25011-Q1, LM25011A, LM25011A-Q1 42-V 2-A Constant On-Time Switching Regulator With Adjustable Current Limit
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM25011 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM25011 Datasheet HTML 8Page - Texas Instruments LM25011 Datasheet HTML 9Page - Texas Instruments LM25011 Datasheet HTML 10Page - Texas Instruments LM25011 Datasheet HTML 11Page - Texas Instruments LM25011 Datasheet HTML 12Page - Texas Instruments LM25011 Datasheet HTML 13Page - Texas Instruments LM25011 Datasheet HTML 14Page - Texas Instruments LM25011 Datasheet HTML 15Page - Texas Instruments LM25011 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
Current
Limit Threshold
Normal
Operation
Load
Current
Increases
Current
Limited
'I
Inductor
Current
Decreases
Load Current
Normal
Operation
Voltage at the FB Pin
2.51V
Voltage at the CS Pin
0V
IPK
IO1
IO2
IOCL
12
LM25011, LM25011-Q1, LM25011A, LM25011A-Q1
SNVS617H – APRIL 2009 – REVISED NOVEMBER 2014
www.ti.com
Product Folder Links: LM25011 LM25011-Q1 LM25011A LM25011A-Q1
Submit Documentation Feedback
Copyright © 2009–2014, Texas Instruments Incorporated
Feature Description (continued)
output voltage resumes its normal regulated value. The maximum continuous current into the RT pin must be
less than 2 mA. For high-frequency applications, the maximum switching frequency is limited at the maximum
input voltage by the minimum on-time one-shot period (90 ns). At minimum input voltage the maximum switching
frequency is limited by the minimum off-time one-shot period which, if reached, prevents achievement of the
proper duty cycle.
7.3.3 Current Limit
Current limit detection occurs during the off-time by monitoring the voltage across the external current sense
resistor RS. Referring to the Functional Block Diagram , during the off-time the recirculating current flows through
the inductor, through the load, through the sense resistor, and through D1 to the inductor. If the voltage across
the sense resistor exceeds the threshold (VILIM), the current limit comparator output switches to delay the start of
the next on-time period. The next on-time starts when the recirculating current decreases such that the voltage
across RS reduces to the threshold and the voltage at FB is below 2.51 V. The operating frequency is typically
lower due to longer-than-normal off-times. When current limit is detected, the on-time is reduced by
approximately 40% (only in LM25011) if the voltage at the FB pin is below its threshold when the voltage across
RS reduces to its threshold (VOUT is low due to current limiting).
Figure 15 illustrates the inductor current waveform during normal operation and in current limit. During the first
normal operation, the load current is I01, the average of the inductor current waveform. As the load resistance is
reduced, the inductor current increases until the lower peak of the inductor ripple current exceeds the threshold.
During the current limited portion of Figure 15, each on-time is reduced by approximately 40%, resulting in lower
ripple amplitude for the inductor current. During this time the LM25011 is in a constant-current mode with an
average load current equal to the current limit threshold plus half the ripple amplitude (IOCL), and the output
voltage is below the normal regulated value. Normal operation resumes when the load current is reduced (to IO2),
allowing VOUT and the on-time to return to their normal values. Note that in the second period of normal
operation, even though the peak current of the inductor exceeds the current limit threshold during part of each
cycle, the circuit is not in current limit because the inductor current falls below the current limit threshold during
each off-time. The peak current allowed through the buck switch is 3.5 A and the maximum allowed average
current is 2.0 A.
Figure 15. Normal and Current Limit Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com