Electronic Components Datasheet Search
  English  ▼

X  

LM25011 Datasheet(PDF) 13 Page - Texas Instruments

Part # LM25011
Description  LM25011, LM25011-Q1, LM25011A, LM25011A-Q1 42-V 2-A Constant On-Time Switching Regulator With Adjustable Current Limit
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM25011 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM25011 Datasheet HTML 9Page - Texas Instruments LM25011 Datasheet HTML 10Page - Texas Instruments LM25011 Datasheet HTML 11Page - Texas Instruments LM25011 Datasheet HTML 12Page - Texas Instruments LM25011 Datasheet HTML 13Page - Texas Instruments LM25011 Datasheet HTML 14Page - Texas Instruments LM25011 Datasheet HTML 15Page - Texas Instruments LM25011 Datasheet HTML 16Page - Texas Instruments LM25011 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
Voltage
at CS
0V
VRIPPLE
tOFF
tON
Inductor
Current
'I
13
LM25011, LM25011-Q1, LM25011A, LM25011A-Q1
www.ti.com
SNVS617H – APRIL 2009 – REVISED NOVEMBER 2014
Product Folder Links: LM25011 LM25011-Q1 LM25011A LM25011A-Q1
Submit Documentation Feedback
Copyright © 2009–2014, Texas Instruments Incorporated
Feature Description (continued)
7.3.4 Ripple Requirements
The LM25011 requires about 25 mVP-P of ripple voltage at the CS pin. Higher switching frequencies may require
more ripple. That ripple voltage is generated by the decreasing recirculating current (the inductor ripple current)
through RS during the off-time. See Figure 16.
Figure 16. CS Pin Waveform
The ripple voltage is equal to:
VRIPPLE = ΔI × RS
(7)
where ΔI is the inductor current ripple amplitude, and RS is the current-sense resistor at the CS pin.
More ripple can be achieved by decreasing the inductor value.
The LM25011A, with its shorter minimum off-time, typically will require more ripple than the LM25011. An
external circuit to increase the effective ripple voltage may be needed. Different methods of generating this ripple
are explained in the External Components section.
7.3.5 N-Channel Buck Switch and Driver
The LM25011 integrates an N-Channel buck switch and associated floating high-voltage gate driver. The gate
driver circuit works in conjunction with an external bootstrap capacitor (CBST) and an internal high-voltage diode.
A 0.1-µF capacitor connected between BST and SW provides the supply voltage for the driver during the on-
time. During each off-time, the SW pin is at approximately –1 V, and CBST is recharged from the internal 5-V
regulator for the next on-time. The minimum off-time ensures a sufficient time each cycle to recharge the
bootstrap capacitor.
In applications with relatively high output voltage and low minimum load current, the internal pre-charge device of
the LM25011 may not pull the SW pin sufficiently low during the off-time to maintain the voltage on the bootstrap
capacitor. If the bootstrap capacitor (CBST) discharges during the long off-times, and the regulator will cycle on
and off at a low frequency. Decreasing the values of the feedback resistors RFB1 and RFB2 to provide a minimum
load of typically 1mA at nominal VOUT will increase the minimum switching frequency and maintain sufficient
bootstrap capacitor voltage.
7.3.6 Soft-Start
The soft-start feature allows the converter to gradually reach a steady-state operating point, thereby reducing
startup stresses and current surges. Upon turn-on, when VIN reaches its undervoltage lock-out threshold an
internal 10-µA current source charges the external capacitor at the SS pin to 2.51 V (t1 in Figure 17). The
ramping voltage at SS ramps the non-inverting input of the regulation comparator and the output voltage, in a
controlled manner. For proper operation, the soft-start capacitor should be no smaller than 1000 pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com