Electronic Components Datasheet Search
  English  ▼

X  

LM27951 Datasheet(PDF) 8 Page - Texas Instruments

Part # LM27951
Description  LM27951 White LED Adaptive 1.5×/1× Switched-Capacitor Current Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM27951 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM27951 Datasheet HTML 4Page - Texas Instruments LM27951 Datasheet HTML 5Page - Texas Instruments LM27951 Datasheet HTML 6Page - Texas Instruments LM27951 Datasheet HTML 7Page - Texas Instruments LM27951 Datasheet HTML 8Page - Texas Instruments LM27951 Datasheet HTML 9Page - Texas Instruments LM27951 Datasheet HTML 10Page - Texas Instruments LM27951 Datasheet HTML 11Page - Texas Instruments LM27951 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
LM27951
SNVS416C – NOVEMBER 2005 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: LM27951
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
7.4 Device Functional Modes
7.4.1 Enable and PWM Pins
The LM27951 has 2 logic control pins. Both pins are active-high logic (HIGH = ON). There is an internal pulldown
resistor (150 k
Ω typical) connected between the enable pin (EN) and GND. There is no pullup or pulldown
connected to the pulse width modulated (PWM) pin.
The EN pin is the master enable pin for the part. When the voltage on this pin is low (< 0.4 V), the part is in
shutdown mode. In this mode, all internal circuitry is OFF and the part consumes very little supply current (< 1 µA
typical). When the voltage on the EN pin is high (> 1 V), the device activates the charge pump and regulate the
output voltage to its nominal value.
The PWM pin serves as a dedicated logic input for LED brightness control. When the voltage on this pin is low (<
0.4 V), the current sources are turned off, and no current flows through the LEDs. When the voltage on this pin is
high (> 1 V), the currents sources turn on and regulate to the current level set by the resistor connected to the
ISET pin.
7.4.2 Adjusting LED Brightness (PWM Control)
Perceived LED brightness can be adjusted using a PWM control signal on the LM27951 PWM logic input pin,
turning the current sources ON and OFF at a rate faster than perceptible by the human eye. When this is done,
the total brightness perceived is proportional to the duty cycle (D) of the PWM signal (D = the percentage of time
that the LED is on in every PWM cycle). A simple example: if the LEDs are driven at 15 mA each with a PWM
signal that has a 50% duty cycle, perceived LED brightness is about half as bright as compared to when the
LEDs are driven continuously with 15 mA.
The minimum recommended PWM frequency is 100 Hz. Frequencies below this may be visible as flicker or
blinking. The maximum recommended PWM frequency is 1 kHz. Frequencies above this may cause interference
with internal current driver circuitry and/or noise in the audible range. Due to the regulation control loop, the
maximum frequency and minimum duty cycle applied to the PWM pin must be chosen such that the minimum
ON time is no less than 30 µs in duration. If a PWM signal is applied to the EN pin instead, the maximum
frequency and minimum duty cycle should be chosen to accommodate both the LM27951 start-up time (330 µs
typical) and the 30-µs control loop delay.
The preferred method to adjust brightness is to keep the master EN voltage ON continuously and apply a PWM
signal to the dedicated PWM input pin. The benefit of this type of connection can be best understood with a
contrary example. When a PWM signal is connected to the master enable (EN) pin, the charge pump repeatedly
turns on and off. Every time the charge pump turns on, there is an inrush of current as the capacitors, both
internal and external, are recharged. This inrush current results in a current spike and a voltage dip at the input
of the part. By applying the PWM signal to PWM logic input pin, the charge pump remains active, resulting in
much lower input noise.
When the PWM signal must be connected to the EN pin, measures can be taken to reduce the magnitude of the
charge-pump turnon transient response. More input capacitance, series resistors, and/or ferrite beads may
provide benefits. If the current spikes and voltage dips can be tolerated, connecting the PWM signal to the EN
pin does provide a benefit of lower supply current consumption. When the PWM signal to the EN pin is low, the
LM27951 is shut down, and the input current is only a few micro-amps. This results in a lower time-averaged
input current than the prior suggestion, where EN is kept on continuously.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com