Electronic Components Datasheet Search
  English  ▼

X  

LM27951 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM27951
Description  LM27951 White LED Adaptive 1.5×/1× Switched-Capacitor Current Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM27951 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM27951 Datasheet HTML 8Page - Texas Instruments LM27951 Datasheet HTML 9Page - Texas Instruments LM27951 Datasheet HTML 10Page - Texas Instruments LM27951 Datasheet HTML 11Page - Texas Instruments LM27951 Datasheet HTML 12Page - Texas Instruments LM27951 Datasheet HTML 13Page - Texas Instruments LM27951 Datasheet HTML 14Page - Texas Instruments LM27951 Datasheet HTML 15Page - Texas Instruments LM27951 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
12
LM27951
SNVS416C – NOVEMBER 2005 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: LM27951
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
8.2.3 Application Curves
Figure 6. Converter Efficiency vs Input Voltage
Figure 7. LED Current vs RSET
9 Power Supply Recommendations
The LM27951 is designed to operate from an input voltage supply range from 2.8 V to 5.5 V. This input supply
must be well regulated and capable to supply the required input current. If the input supply is located far from the
device, additional bulk capacitance may be required in addition to the ceramic bypass capacitors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com