Electronic Components Datasheet Search
  English  ▼

X  

LMH0318RTWR Datasheet(PDF) 4 Page - Texas Instruments

Part # LMH0318RTWR
Description  LMH0318 3 Gbps HD/SD SDI Reclocker with Integrated Cable Driver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH0318RTWR Datasheet(HTML) 4 Page - Texas Instruments

  LMH0318RTWR Datasheet HTML 1Page - Texas Instruments LMH0318RTWR Datasheet HTML 2Page - Texas Instruments LMH0318RTWR Datasheet HTML 3Page - Texas Instruments LMH0318RTWR Datasheet HTML 4Page - Texas Instruments LMH0318RTWR Datasheet HTML 5Page - Texas Instruments LMH0318RTWR Datasheet HTML 6Page - Texas Instruments LMH0318RTWR Datasheet HTML 7Page - Texas Instruments LMH0318RTWR Datasheet HTML 8Page - Texas Instruments LMH0318RTWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 59 page
background image
LMH0318
SNLS508 – SEPTEMBER 2015
www.ti.com
Pin Descriptions – SPI Mode/ Mode_SEL = 1 k
Ω to VDD
PIN
I/O
DESCRIPTION
NAME
NO.
CONTROL/INDICATOR I/O
Determines Device Configuration: SPI or SMBus
1 k
Ω to VDD:
MODE_SEL
1
Input, 4-Level
•
SPI mode. See Initialization Set Up
SS_N
2
Input, 2-Level
SPI Slave Select. . This pin has internal pull up
Input, 2.5V
SCK
3
SPI serial clock input
LVCMOS, 2-Level
MOSI
4
Input, 2-Level
SPI Master Output / Slave Input. LMH0318 SPI data receive
5,14,17,
RESERVED
No Connect
18
Powers down device when pulled low
1 k
Ω to VDD:
•
Power down until valid signal detected
Float(Default):
•
Reserved
ENABLE
6
Input, 4-Level
20 k
Ω to GND:
•
Reserved
1 k
Ω to GND:
•
Power down including signal detects and Reset Registers upon
power-up
Output,
Programmable Interrupt caused by change in LOS, violation of internal
LOS_INT_N
13
LVCMOS Open
eye monitor threshold, or change in lock. External 4.7-k
Ω pull-up resistor
Drain, 2-Level
is required. This pin is 3.3 V LVCMOS tolerant.
Output, 2.5 V
MISO
15
SPI Master Input / Slave Output. LMH0318 SPI data transmit
LVCMOS, 2-Level
Indicates CDR lock detect status
High:
Output, 2.5V
LOCK
16
•
CDR locked
LVCMOS, 2-Level
Low:
•
CDR not locked
HIGH SPEED DIFFERENTIAL I/O
IN0+
11
Input, Analog
Inverting and non-inverting differential inputs. An on-chip 100
Ω
terminating resistor connects IN0+ to IN0-. Inputs require 4.7 µF AC
IN0-
12
Input, Analog
coupling capacitors.
IN1+
8
Input, Analog
Inverting and non-inverting differential inputs. An on-chip 100
Ω
terminating resistor connects IN1+ to IN1-. Inputs require 4.7 µF AC
IN1-
9
Input, Analog
coupling capacitors.
Output, 75
Ω CML
OUT0+
20
Inverting and non-inverting 75
Ω outputs. An on-chip 75 Ω terminating
Compatible
resistor connects OUT0+ and OUT0- to VDD. Outputs require 4.7 µF AC
Output, 75
Ω CML
coupling capacitors
OUT0-
19
Compatible
OUT1+
23
Output, Analog
Inverting and non-inverting differential outputs. An on-chip 100
Ω
terminating resistor connects OUT1+ to OUT1-. Outputs require 4.7 µF AC
OUT1-
22
Output, Analog
coupling capacitors
POWER
VDD
7, 21
2.5 V Supply
2.5 V ± 5%
VSS
10, 24
Ground
Connect directly to ground (GND)
DAP
Ground
Exposed DAP, connect to GND using at least 5 vias (see Figure 23 )
4
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: LMH0318



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com