Electronic Components Datasheet Search
  English  ▼

X  

LMH0318RTWR Datasheet(PDF) 7 Page - Texas Instruments

Part # LMH0318RTWR
Description  LMH0318 3 Gbps HD/SD SDI Reclocker with Integrated Cable Driver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH0318RTWR Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMH0318RTWR Datasheet HTML 3Page - Texas Instruments LMH0318RTWR Datasheet HTML 4Page - Texas Instruments LMH0318RTWR Datasheet HTML 5Page - Texas Instruments LMH0318RTWR Datasheet HTML 6Page - Texas Instruments LMH0318RTWR Datasheet HTML 7Page - Texas Instruments LMH0318RTWR Datasheet HTML 8Page - Texas Instruments LMH0318RTWR Datasheet HTML 9Page - Texas Instruments LMH0318RTWR Datasheet HTML 10Page - Texas Instruments LMH0318RTWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 59 page
background image
LMH0318
www.ti.com
SNLS508 – SEPTEMBER 2015
7.5 Electrical Characteristics
Over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER
PD
Power dissipation
Locked 75
Ω OUT0 only
(800 mVpp), EOM
300
mW
powered down
Locked OUT1 only (600
mVpp, diff), EOM powered
195
mW
down
Transient power during
CDR lock acquisition, 75
Ω
400
500
mW
OUT0 and OUT1 powered
up, EOM powered down
PD_RAW
Power dissipation in force
EQ bypass, OUT0
RAW mode (CDR bypass)
720mVpp, OUT1 600mVpp
195
mW
IN0 to OUT0 and OUT1 or
IN1 to OUT0 and OUT1
IN0 to OUT0, OUT1
160
mW
powered down
IN1 to OUT1, OUT0
80
mW
powered down
4-LEVEL INPUT and 2.5 V LVCMOS DC SPECIFICATIONS
VIH
High level input voltage
4-level input (MODE_SEL,
0.95*VDD
V
ADDR0/1, ENABLE pins)
VIF
Float level input voltage
4-level input (MODE_SEL,
0.67*VDD
V
ADDR0/1, ENABLE pins)
VI20K
20K to GND input voltage
4-level input (MODE_SEL,
0.33*VDD
V
ADDR0/1, ENABLE pins)
VIL
Low level input voltage
4-level input (MODE_SEL,
0.1
V
ADDR0/1, ENABLE pins)
VOH
High level output voltage
IOH = -3 mA
2
V
VOL
Low level output voltage
IOL = 3 mA
0.4
V
IIH
Input high leakage current
Vinput = VDD
SPI Mode: LVCMOS
15
µA
(SPI_SCK, SPI_SS_N)
pins
SMBus Mode: LVCMOS
(SMB_SDA, SMB_SCL)
15
µA
pins
SMBus Mode: 4-Levels
20
44
80
µA
(ADDR0, ADDR1) pins
4-Levels (MODE_SEL,
20
44
80
µA
ENABLE) pins
IIL
Input low leakage current
Vinput = GND
SPI Mode: LVCMOS
-15
µA
(SPI_MOSI, SPI_SCK)
pins
Vinput = GND
SPI Mode: LVCMOS
-37
µA
(SPI_SS_N) pins
SMBus Mode: LVCMOS
(SMB_SDA, SMB_SCL
-15
µA
pins
SMBus Mode: 4-Levels
-160
-93
-40
µA
(ADDR0, ADDR1) pins
4-Levels (MODE_SEL,
-160
-93
-40
µA
ENABLE) pins
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMH0318



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com