Electronic Components Datasheet Search
  English  ▼

X  

ADC12L080 Datasheet(PDF) 17 Page - Texas Instruments

Part # ADC12L080
Description  High Performance Quad DVGA
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC12L080 Datasheet(HTML) 17 Page - Texas Instruments

Back Button ADC12L080 Datasheet HTML 13Page - Texas Instruments ADC12L080 Datasheet HTML 14Page - Texas Instruments ADC12L080 Datasheet HTML 15Page - Texas Instruments ADC12L080 Datasheet HTML 16Page - Texas Instruments ADC12L080 Datasheet HTML 17Page - Texas Instruments ADC12L080 Datasheet HTML 18Page - Texas Instruments ADC12L080 Datasheet HTML 19Page - Texas Instruments ADC12L080 Datasheet HTML 20Page - Texas Instruments ADC12L080 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
PHASE (Degrees)
2.5
2.0
1.5
1.0
0.5
0.0
-0.5
-1.0
-1.5
-2.0
-2.5
0
45
90
135 180 225 270 315 360
OUT+
OUT-
(OUT+) - (OUT-)
1.25VP
2.5VPP
5VPPD (DIFFERENTIAL)
SVA-30206562
GAIN 0-4
5
LMH6523
5V
L1
L2
L1, L2 = 22nH
C1 = 4pF
C1
SOURCE IMPEDANCE = 100
f = 200MHz
ZAMP = (130 + j10)
ZIN = (97.8 - j1.5)
ZIN
SVA-30206569
LMH6523
www.ti.com
SNOSC88 – DECEMBER 2012
Excel can also be used for simple circuits; however, the “Analysis ToolPak” add-in must be installed to calculate
complex numbers.
http://www.circuitsage.com/matching/matcher2.html
Figure 45. Differential LC Conversion Circuit
OUTPUT CHARACTERISTICS
The LMH6523 has a low impedance output very similar to a traditional Op-amp output. This means that a wild
range of loads can be driven with good performance. Matching load impedance for proper termination of filters is
as easy as inserting the proper value of resistor between the filter and the amplifier. This flexibility makes system
design and gain calculations very easy.
By using a differential output stage the LMH6523 can achieve very large voltage swings on a single 5V supply.
This is illustrated in Figure 46. This figure shows how a voltage swing of 5VPPD is realized while only swinging 2.5
VPP on each output. The LMH6523 can swing up to 10 VPPD which is sufficient to drive most ADCs to full scale
while using a matched impedance anti alias filter between the amplifier and the ADC. The LMH6523 has been
designed for AC coupled applications and has been optimized for operation above 5 MHz.
Figure 46. Differential Output Voltage
Like most closed loop amplifiers the LMH6523 output stage can be sensitive to capacitive loading. To help with
board layout and to help minimize sensitivity to bias inductor capacitance the LMH5522 output lines have internal
10
Ω resistors. These resistors should be taken into account when choosing matching resistor values. This is
shown in as using 40.2
Ω resistors instead of 50Ω resistors to match the 100 Ω differential load. Best practise is
to place the external termination resistors as close to the DVGA output pins as possible. Due to reactive
components between the DVGA output and the filter input it may be desirable to use even smaller value resistors
than a simple calculation would indicate. For instance, at 200 MHz resistors of 30
Ω provide slightly better OIP3
performance on the LMH6523EVAL evaluation board and may also provide a better match to the filter input.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LMH6523



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com