Electronic Components Datasheet Search
  English  ▼

X  

ADC12L080 Datasheet(PDF) 8 Page - Texas Instruments

Part # ADC12L080
Description  High Performance Quad DVGA
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC12L080 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADC12L080 Datasheet HTML 4Page - Texas Instruments ADC12L080 Datasheet HTML 5Page - Texas Instruments ADC12L080 Datasheet HTML 6Page - Texas Instruments ADC12L080 Datasheet HTML 7Page - Texas Instruments ADC12L080 Datasheet HTML 8Page - Texas Instruments ADC12L080 Datasheet HTML 9Page - Texas Instruments ADC12L080 Datasheet HTML 10Page - Texas Instruments ADC12L080 Datasheet HTML 11Page - Texas Instruments ADC12L080 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
4.50
4.75
5.00
5.25
5.50
36
40
44
48
52
SUPPLY VOLTAGE (V)
High Power Mode
Low Power Mode
SVA-30206555
100
200
300
400
500
32
36
40
44
48
52
56
FREQUENCY (MHz)
POUT = 4dBm / Tone
High Power Mode
Low Power Mode
SVA-30206556
0
2
4
6
8
10
12
28
32
36
40
44
48
52
OUTPUT POWER, EACH TONE (dBm)
SVA-30206561
0
100
200
300
400
500
600
30
35
40
45
50
55
LOAD RESISTANCE ( )
VOUT = 4VPPD
High Power Mode
Low Power Mode
SVA-30206565
1
10
100
1000
10000
FREQUENCY (MHz)
-10
-5
0
5
10
15
20
25
30
SVA-30206540
0
4
8
12
16
20
24
28
32
32
36
40
44
48
52
ATTENUATION (dB)
POUT = 4dBm / Tone
High Power Mode
Low Power Mode
SVA-30206553
LMH6523
SNOSC88 – DECEMBER 2012
www.ti.com
TYPICAL CHARACTERISTICS
(TA = 25°C, V+ = 5V, RL = 200Ω, Maximum Gain, High Power, f= 200MHz; LMH6523 soldered onto LMH6523EVAL
evaluation board, Unless Specified).
Frequency Response, 2dB Steps
OIP3 vs Attenuation
Figure 2.
Figure 3.
OIP3 vs Output Power
OIP3 vs Load Resistance
Figure 4.
Figure 5.
OIP3 vs Frequency
OIP3 vs Supply Voltage
Figure 6.
Figure 7.
8
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: LMH6523



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com