Electronic Components Datasheet Search
  English  ▼

X  

ADC12C080 Datasheet(PDF) 3 Page - Texas Instruments

Part # ADC12C080
Description  High Performance Quad DVGA
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC12C080 Datasheet(HTML) 3 Page - Texas Instruments

  ADC12C080 Datasheet HTML 1Page - Texas Instruments ADC12C080 Datasheet HTML 2Page - Texas Instruments ADC12C080 Datasheet HTML 3Page - Texas Instruments ADC12C080 Datasheet HTML 4Page - Texas Instruments ADC12C080 Datasheet HTML 5Page - Texas Instruments ADC12C080 Datasheet HTML 6Page - Texas Instruments ADC12C080 Datasheet HTML 7Page - Texas Instruments ADC12C080 Datasheet HTML 8Page - Texas Instruments ADC12C080 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
LMH6523
www.ti.com
SNOSC88 – DECEMBER 2012
ABSOLUTE MAXIMUM RATINGS
(1)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for
availability and specifications.
VALUE
UNIT
Human Body Model
2
kV
ESD Tolerance (2)
Machine Model
200
V
Charged Device Model
750
V
Positive Supply Voltage (Pin 3)
–0.6 to 5.5
V
Differential Voltage between Any Two Grounds
<200
mV
Analog Input Voltage Range
–0.6 to 5.5
V
Digital Input Voltage Range
–0.6 to 5.5
V
Output Short circuit Duration (one pin to ground)
Infinite
Junction Temperature
150
°C
Storage Temperature Range
–65 to 150
°C
Soldering Information Infrared or Convection (30 sec)
260
°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not guaranteed. For specified specifications, see the Electrical
Characteristics tables.
(2)
Human Body Model, applicable std. MIL-STD-883, Method 3015.7. Machine Model, applicable std. JESD22-A115-A (ESD MM std. of
JEDEC) Field-Induced Charge-Device Model, applicable std. JESD22-C101-C (ESD FICDM std. of JEDEC).
RECOMMENDED OPERATING CONDITIONS
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Supply Voltage (Pin 3)
4.75
5.25
V
Differential Voltage Between Any Two Grounds
<10
mV
Analog Input Voltage Range, AC Coupled
0
V+
V
Temperature Range (2)
–40
85
°C
Package Thermal Resistance (3)
(
θJA)
(
θJC)
54 pin WQFN
23
4.7
°C/W
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not guaranteed. For specified specifications, see the Electrical
Characteristics tables.
(2)
The maximum power dissipation is a function of TJ(MAX), θJA. The maximum allowable power dissipation at any ambient temperature is
PD = (TJ(MAX) – TA)/ θJA. All numbers apply for packages soldered directly onto a PC Board.
(3)
Junction to ambient (
θJA) thermal resistance measured on JEDEC 4 layer board. Junction to case (θJC) thermal resistance measured at
exposed thermal pad; package is not mounted to any PCB.
ELECTRICAL CHARACTERISTICS - 5V
(1) (2)
The following specifications apply for single supply with V+ = 5V, Maximum Gain (0 Attenuation), RL = 200Ω, VOUT = 4VPPD,
fin = 200 MHz, High Power Mode, Boldface limits apply at temperature extremes.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DYNAMIC PERFORMANCE
3dBBW
−3dB Bandwidth
VOUT = 2 VPPD
1.4
GHz
Output Noise Voltage
Source = 100
Ω
30
nV/
√Hz
NF
Noise Figure
Source = 100
Ω
8.5
dB
f = 100 MHz, VOUT = 4 dBm per tone
53
OIP3
Output Third Order Intercept Point
dBm
f = 200 MHz, VOUT = 4 dBm per tone
49
Output Second Order Intercept
POUT= 4 dBm per Tone, f1 =101 MHz,
OIP2
78
dBm
Point
f2=203 MHz
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. No guarantee of parametric performance is
indicated in the electrical tables under conditions different than those tested
(2)
Negative input current implies current flowing out of the device.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMH6523



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com