Electronic Components Datasheet Search
  English  ▼

X  

ADC12C080 Datasheet(PDF) 11 Page - Texas Instruments

Part # ADC12C080
Description  High Performance Quad DVGA
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC12C080 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADC12C080 Datasheet HTML 7Page - Texas Instruments ADC12C080 Datasheet HTML 8Page - Texas Instruments ADC12C080 Datasheet HTML 9Page - Texas Instruments ADC12C080 Datasheet HTML 10Page - Texas Instruments ADC12C080 Datasheet HTML 11Page - Texas Instruments ADC12C080 Datasheet HTML 12Page - Texas Instruments ADC12C080 Datasheet HTML 13Page - Texas Instruments ADC12C080 Datasheet HTML 14Page - Texas Instruments ADC12C080 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
1
6
11
16
21
26
31
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
ATTENUATION (dB)
50 MHz
200 MHz
300 MHz
SVA-30206536
1
6
11
16
21
26
31
-8
-6
-4
-2
0
2
4
ATTENUATION (dB)
50 MHz
200 MHz
300 MHz
SVA-30206539
10
100
1000
-2
-1
0
1
2
3
4
FREQUENCY (MHz)
A to B
A to C
A to D
SVA-30206535
10
100
1000
-2
-1
0
1
2
3
4
FREQUENCY (MHz)
A to B
A to C
A to D
SVA-30206574
10
100
1000
-90
-80
-70
-60
-50
-40
-30
-20
FREQUENCY (MHz)
IN A OUT B
IN B OUT A
IN B OUT C
IN C OUT B
IN C OUT D
IN D OUT C
SVA-30206571
10
100
1000
-110
-100
-90
-80
-70
-60
-50
-40
FREQUENCY (MHz)
IN A OUT C
IN A OUT D
IN B OUT D
IN C OUT A
IN D OUT A
IN D OUT B
SVA-30206572
LMH6523
www.ti.com
SNOSC88 – DECEMBER 2012
TYPICAL CHARACTERISTICS (continued)
(TA = 25°C, V+ = 5V, RL = 200Ω, Maximum Gain, High Power, f= 200MHz; LMH6523 soldered onto LMH6523EVAL
evaluation board, Unless Specified).
Isolation, Adjacent Channels
Isolation, Non-Adjacent Channels
Figure 20.
Figure 21.
Channel Matching, Maximum Gain
Channel Matching Attenuation Code 10000
Figure 22.
Figure 23.
Gain Step Amplitude Error
Gain Step Phase Error
Figure 24.
Figure 25.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMH6523



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com