Electronic Components Datasheet Search
  English  ▼

X  

ADC14C080 Datasheet(PDF) 6 Page - Texas Instruments

Part # ADC14C080
Description  High Performance Quad DVGA
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC14C080 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADC14C080 Datasheet HTML 2Page - Texas Instruments ADC14C080 Datasheet HTML 3Page - Texas Instruments ADC14C080 Datasheet HTML 4Page - Texas Instruments ADC14C080 Datasheet HTML 5Page - Texas Instruments ADC14C080 Datasheet HTML 6Page - Texas Instruments ADC14C080 Datasheet HTML 7Page - Texas Instruments ADC14C080 Datasheet HTML 8Page - Texas Instruments ADC14C080 Datasheet HTML 9Page - Texas Instruments ADC14C080 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
3
2
1
4
GND
INA+
INA-
GND
MODE
GND
INB+
INB-
GND
GND
INC+
INC-
GND
GND
GND
IND+
IND-
GND
7
6
5
8
GND
Top View
10 mm x 5.5 mm x 0.8 mm
0.5 mm pitch
ThetaJA = 24ºC/W
11
10
9
12
A4/SDO
OUTA+
OUTA-
+5VA
ENBA
+5VB
OUTB+
OUTB-
ENBB
ENBC
OUTC+
OUTC-
+5VC
ENBD
+5VD
OUTD+
OUTD-
D4
15
14
13
16
18
17
43
44
45
42
39
40
41
38
35
36
37
34
31
32
33
30
28
29
SVA-30206503
LMH6523
SNOSC88 – DECEMBER 2012
www.ti.com
Figure 1. 54-Pin WQFN Connection Diagram, (Top View)
Table 1. PIN FUNCTIONS
PIN NUMBER
SYMBOL
PIN CATEGORY
DESCRIPTION
Analog I/O
2, 3
INA+, INA –
Analog Input
Differential inputs channel A
44, 43
OUTA+, OUTA-
Analog Output
Differential outputs Channel A
7, 8
INB+, INB–
Analog Input
Differential inputs channel B
39, 38
OUTB+, OUTB–
Analog Output
Differential outputs Channel B
11, 12
INC+, INC–
Analog Input
Differential inputs channel C
35, 34
OUTC+, OUTC–
Analog Output
Differential outputs Channel C
16, 17
IND+, IND–
Analog Input
Differential inputs channel D
30, 29
OUTD+, OUTD–
Analog Output
Differential outputs Channel D
Power
1, 4, 6, 9, 10,
GND
Ground
Ground pins. Connect to low impedance ground plane. All pin voltages are
13, 14, 15, 18
specified with respect to the voltage on these pins. The exposed thermal pad
is internally bonded to the ground pins.
31, 33, 40, 42
+5VD, +5VC, +5VB,
Power
Power supply pins. Valid power supply range is 4.75V to 5.25V.
+5VA
Exposed Center
Thermal/ Ground
Thermal management/ Ground
Pad
Digital Inputs
5
MODE
Digital Input
0 = Parallel Mode, 1 = Serial Mode
Enable Pins (active in both parallel and serial modes)
41
ENBA
Digital Input
Channel A enable pin
37
ENBB
Digital Input
Channel B enable pin: pin has three states: Low, Mid, High
36
ENBC
Digital Input
Channel C enable pin
6
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: LMH6523



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com