Electronic Components Datasheet Search
  English  ▼

X  

ADC14C080 Datasheet(PDF) 9 Page - Texas Instruments

Part # ADC14C080
Description  High Performance Quad DVGA
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC14C080 Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADC14C080 Datasheet HTML 5Page - Texas Instruments ADC14C080 Datasheet HTML 6Page - Texas Instruments ADC14C080 Datasheet HTML 7Page - Texas Instruments ADC14C080 Datasheet HTML 8Page - Texas Instruments ADC14C080 Datasheet HTML 9Page - Texas Instruments ADC14C080 Datasheet HTML 10Page - Texas Instruments ADC14C080 Datasheet HTML 11Page - Texas Instruments ADC14C080 Datasheet HTML 12Page - Texas Instruments ADC14C080 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
0
100
200
300
400
500
-90
-80
-70
-60
-50
-40
-30
-20
FREQUENCY (MHz)
POUT = 10dBm
Ch A
Ch B
Ch C
Ch D
SVA-30206524
0
100
200
300
400
500
-100
-90
-80
-70
-60
-50
-40
-30
-20
FREQUENCY (MHz)
POUT = 10dBm
Ch A
Ch B
Ch C
Ch D
SVA-30206525
-45 -30 -15
0
15 30 45 60 75 90
350
375
400
425
450
475
500
TEMPERATURE (Degrees C)
High Power Mode
Low Power Mode
SVA-30206558
-45 -30 -15
0
15 30 45 60 75 90
24.0
24.5
25.0
25.5
26.0
26.5
27.0
27.5
28.0
TEMPERATURE (Degrees C)
High Power Mode
Low Power Mode
SVA-30206559
-45 -30 -15
0
15 30 45 60
75 90
40
44
48
52
56
TEMPERATURE (Degrees C)
High Power Mode
Low Power Mode
SVA-30206573
4.50
4.75
5.00
5.25
5.50
300
350
400
450
500
550
SUPPLY VOLTAGE (V)
High Power Mode
Low Power Mode
SVA-30206554
LMH6523
www.ti.com
SNOSC88 – DECEMBER 2012
TYPICAL CHARACTERISTICS (continued)
(TA = 25°C, V+ = 5V, RL = 200Ω, Maximum Gain, High Power, f= 200MHz; LMH6523 soldered onto LMH6523EVAL
evaluation board, Unless Specified).
OIP3 vs Temperature
Supply Current vs Supply Voltage
Figure 8.
Figure 9.
Supply Current vs Temperature
Maximum Gain vs Temperature
Figure 10.
Figure 11.
HD2 vs Frequency, High Power Mode
HD3 vs Frequency, High Power Mode
Figure 12.
Figure 13.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMH6523



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com