Electronic Components Datasheet Search
  English  ▼

X  

PL240DG Datasheet(PDF) 2 Page - SICK AG

Part # PL240DG
Description  MID RANGE DISTANCE SENSORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

PL240DG Datasheet(HTML) 2 Page - SICK AG

  PL240DG Datasheet HTML 1Page - SICK AG PL240DG Datasheet HTML 2Page - SICK AG PL240DG Datasheet HTML 3Page - SICK AG PL240DG Datasheet HTML 4Page - SICK AG PL240DG Datasheet HTML 5Page - SICK AG PL240DG Datasheet HTML 6Page - SICK AG PL240DG Datasheet HTML 7Page - SICK AG PL240DG Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
DL35-B15552 | Dx35
MID RANGE DISTANCE SENSORS
Ordering information
Type
Part no.
DL35-B15552
1057657
Other models and accessories
www.sick.com/Dx35
Detailed technical data
Mechanics/electronics
Supply voltage Vs
DC 12 V ... 30 V 1) 2)
Ripple
≤ 5 Vpp 3)
Power consumption
≤ 1.7 W 4)
Initialization time
≤ 500 ms
Warm-up time
≤ 20 min
Housing material
Plastic (ABS/PC)
Window material
Plastic (PMMA)
Connection type
Male connector, M12, 5-pin
Indication
LEDs
Weight
65 g
Dimensions (W x H x D)
32 mm x 58.67 mm x 42.7 mm
Enclosure rating
IP65
IP67
Protection class
III
1) Limit values, reverse-polarity protected, operation in short-circuit protected network: max. 8 A.
2) When using IO-Link output Vs > 18 V. When using analog voltage output Vs > 13 V.
3) May not fall short of or exceed VS tolerances.
4) Without load, at +20 °C.
Safety-related parameters
MTTFD
101 years
2
LASER DISTANCE SENSORS | SICK
Product data sheet | 2024-03-04 11:16:16
Subject to change without notice



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com