Electronic Components Datasheet Search
  English  ▼

X  

PL240DG Datasheet(PDF) 5 Page - SICK AG

Part # PL240DG
Description  MID RANGE DISTANCE SENSORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

PL240DG Datasheet(HTML) 5 Page - SICK AG

  PL240DG Datasheet HTML 1Page - SICK AG PL240DG Datasheet HTML 2Page - SICK AG PL240DG Datasheet HTML 3Page - SICK AG PL240DG Datasheet HTML 4Page - SICK AG PL240DG Datasheet HTML 5Page - SICK AG PL240DG Datasheet HTML 6Page - SICK AG PL240DG Datasheet HTML 7Page - SICK AG PL240DG Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
DL35-B15552 | Dx35
MID RANGE DISTANCE SENSORS
Dimensional drawing (Dimensions in mm (inch))
1
2
6
7
4
Ø4
.2
(0.1
7)
M 12 x1
5°
3
6
7
8
5
4
42.7 (1.68)
30 (1.18)
32 (1.26)
4.8
6
(0.1
9)
9
(0.35)
①  Optical axis, sender
②  Optical axis, receiver
③  Zero level
④  Mounting hole M4
⑤  Status indicator output Qa/Q2
⑥  Status LEDs output Q1
⑦  Operating indicator
⑧  Control elements
Connection type
Male connector M12, 5-pin
Connection diagram
L+
QA/Q2
M
MF
1
2
wht
blu
gra
brn
3
5
Q1/C
4
blk
1
①  Multifunctional input (MF)
2024-03-04 11:16:16 | Product data sheet
Subject to change without notice
LASER DISTANCE SENSORS | SICK
5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com