Electronic Components Datasheet Search
  English  ▼

X  

2521 Datasheet(PDF) 3 Page - Adafruit Industries

Part # 2521
Description  Adafruit FONA - uFL Version Starter Pack
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

2521 Datasheet(HTML) 3 Page - Adafruit Industries

  2521 Datasheet HTML 1Page - Adafruit Industries 2521 Datasheet HTML 2Page - Adafruit Industries 2521 Datasheet HTML 3Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Technical Details
 
This Pack Contains: 
o
1x Slim Sticker‐type GSM/Cellular Quad‐Band Antenna ‐ 3dBi uFL 
o
1x Mini Metal Speaker w/ Wires ‐ 8 ohm 0.5W 
o
1x Vibrating Mini Motor Disc 
o
1x Adafruit FONA ‐ Mini Cellular GSM Breakout uFL Version ‐ v1 
o
1x Lithium Ion Polymer Battery ‐ 3.7v 1200mAh 
o
1x Wired Miniature Electret Microphone 
o
1x Cell‐phone TRRS Headset ‐ Earbud Headphones w/ Microphone 
 
Datasheets:
o
FCC TCB BT 
o
https://cdn‐shop.adafruit.com/datasheets/SIM800_FCC_TCB_BT.pdf 
o
R&TTE Statement of Opinion 
o
https://cdn‐shop.adafruit.com/datasheets/SIM800_CE.pdf 
o
FCC Part 15B Test Report 
o
https://cdn‐shop.adafruit.com/datasheets/SIM800_FCC_Part15.pdf 
o
FCC Part 15C Test Report 
o
https://cdn‐shop.adafruit.com/datasheets/SIM800_FCC_Part15_BT.pdf 
o
FCC RF Test Report 
o
https://cdn‐shop.adafruit.com/datasheets/SIM800_FCC_Report.pdf 
o
FCC TCB 
o
https://cdn‐shop.adafruit.com/datasheets/SIM800_FCC_TCB.pdf 
 
 
 
 
 
 
 
 
                                                                    Engineered in NYC Adafruit ® 



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com