Electronic Components Datasheet Search
  English  ▼

X  

2521 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 2521
Description  Adafruit FONA - uFL Version Starter Pack
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

2521 Datasheet(HTML) 2 Page - Adafruit Industries

  2521 Datasheet HTML 1Page - Adafruit Industries 2521 Datasheet HTML 2Page - Adafruit Industries 2521 Datasheet HTML 3Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
postage stamp. This module can do just about everything. This starter pack has a uFL connector. 
For the SMA version, click here! And for the Adafruit FONA 800 uFL Shield version click here! 
o
Quad‐band 850/900/1800/1900MHz ‐ connect onto any global GSM network with any 
2G SIM (in the USA, T‐Mobile is suggested) 
o
Make and receive voice calls using a headset OR an external 8Ω speaker + electret 
microphone 
o
Send and receive SMS messages 
o
Send and receive GPRS data (TCP/IP, HTTP, etc.) 
o
Scan and receive FM radio broadcasts (yeah, we don't exactly know why this was 
included but it works really well) 
o
PWM/Buzzer vibrational motor control 
o
AT command interface with "auto baud" detection 
Sounds delicious, right? So we plated this fine module onto a little breakout with all the extras 
you need to make your next project shine: 
o
Onboard LiPoly battery charging circuitry so you can take your project on the go. Use 
any 500mAh+ LiPoly or LiIon battery and recharge over the MicroUSB when necessary. 
Two LEDs let you know when its charging and done 
o
Standard 4‐pole TRRS headphone jack. Use any 'Android' or 'iPhone'‐compatible headset 
with mic 
o
Breakouts for external 8Ω speaker and electret mic if you don't want to use a 
headphone 
o
Level shifting circuitry so you can run it with 2.8V to 5V logic. 
o
Vibrational motor (buzzer) driver so you can have noiseless notifications 
o
uFL connections for external antenna 
o
Indicator LEDs for power and network connectivity 
o
Standard SIM slides into the back 
On its own, this module can't do anything. It requires a microcontroller to drive it! We suggest 
and use an Arduino but any 3‐5V microcontroller with a UART can send and receive commands 
over the RX/TX pins. 
Microcontroller not included! We recommend an Arduino UNO to go along SIM card not 
included! If you are in the USA, we recommend TING 
This Pack Contains: 
o
1x Adafruit FONA ‐ Mini Cellular GSM Breakout uFL Version ‐ v1 
o
1x Slim Sticker‐type GSM/Cellular Quad‐Band Antenna ‐ 3dBi uFL 
o
1x Lithium Ion Polymer Battery ‐ 3.7v 1200mAh 
o
1x Mini Metal Speaker w/ Wires ‐ 8 ohm 0.5W 
o
1x Wired Miniature Electret Microphone 
o
1x Cell‐phone TRRS Headset ‐ Earbud Headphones w/ Microphone 
o
1x Vibrating Mini Motor Disc 



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com