Electronic Components Datasheet Search
  English  ▼

X  

TMS28F002AMB Datasheet(PDF) 4 Page - Texas Instruments

Part # TMS28F002AMB
Description  262144 BY 8-BIT/131072 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS28F002AMB Datasheet(HTML) 4 Page - Texas Instruments

  TMS28F002AMB Datasheet HTML 1Page - Texas Instruments TMS28F002AMB Datasheet HTML 2Page - Texas Instruments TMS28F002AMB Datasheet HTML 3Page - Texas Instruments TMS28F002AMB Datasheet HTML 4Page - Texas Instruments TMS28F002AMB Datasheet HTML 5Page - Texas Instruments TMS28F002AMB Datasheet HTML 6Page - Texas Instruments TMS28F002AMB Datasheet HTML 7Page - Texas Instruments TMS28F002AMB Datasheet HTML 8Page - Texas Instruments TMS28F002AMB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 79 page
background image
TMS28F002Axy, TMS28F200Axy
262144 BY 8-BIT/131072 BY 16-BIT
AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
SMJS826D – JANUARY 1996 – REVISED SEPTEMBER 1997
4
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
D The TMS28F002AMy and TMS28F200AMy configurations offer a 3-V or 5-V memory read with a 12-V
program and erase. These configurations are intended for low 3.3-V reads and the fast programming
offered with the12-V VPP and 5-V VCC. These configurations are offered in two different temperature
ranges: 0
°C to 70°C and – 40°C to 85°C.
D The TMS28F002AFy and TMS28F200AFy configurations offer a 5-V memory read with a 5-V or 12-V
program and erase. These configurations are intended for systems using a single 5-V power supply. The
configurations are offered in three temperature ranges: 0
°C to 70°C, – 40°C to 85°C, and – 40°C to 125°C.
D The TMS28F002AZy and TMS28F200AZy configurations offer a 5-V memory read with a 12-V program and
a 12-V erase for fast programming and erasing times. These configurations are offered in three temperature
ranges: 0
°C to 70°C,– 40°C to 85°C, and – 40°C to 125°C.
All configurations of the TMS28F200Axy are offered in the 44-pin plastic small-outline package (PSOP) and the
48-pin thin small-outline package (TSOP). The TMS28F002Axy is offered in a 40-pin TSOP only. Both the 40-pin
and 48-pin TSOP are offered for the 0
°C to 70°C and – 40°C to 85°C temperature ranges only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com