Electronic Components Datasheet Search
  English  ▼

X  

TMS28F002AMB Datasheet(PDF) 1 Page - Texas Instruments

Part # TMS28F002AMB
Description  262144 BY 8-BIT/131072 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS28F002AMB Datasheet(HTML) 1 Page - Texas Instruments

  TMS28F002AMB Datasheet HTML 1Page - Texas Instruments TMS28F002AMB Datasheet HTML 2Page - Texas Instruments TMS28F002AMB Datasheet HTML 3Page - Texas Instruments TMS28F002AMB Datasheet HTML 4Page - Texas Instruments TMS28F002AMB Datasheet HTML 5Page - Texas Instruments TMS28F002AMB Datasheet HTML 6Page - Texas Instruments TMS28F002AMB Datasheet HTML 7Page - Texas Instruments TMS28F002AMB Datasheet HTML 8Page - Texas Instruments TMS28F002AMB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 79 page
background image
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
TMS28F002Axy, TMS28F200Axy
262144 BY 8-BIT/131072 BY 16-BIT
AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
SMJS826D – JANUARY 1996 – REVISED SEPTEMBER 1997
1
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
D Organization... 262144 by 8 bits
131 072 by 16 bits
D Array-Blocking Architecture
– One 16K-Byte Protected Boot Block
– Two 8K-Byte Parameter Blocks
– One 96K-Byte Main Block
– One 128K-Byte Main Block
– Top or Bottom Boot Locations
D ’28F200Axy Offers a User-Defined 8-Bit
(Byte) or 16-Bit (Word) Organization
D ’28F002Axy Offers Only the 8-Bit (Byte)
Organization
D Maximum Access/Minimum Cycle Time
– Commercial and Extended
5-V VCC " 10% or 3.3-V VCC " 0.3 V
5 V
3.3 V
’28F002Axy/200Axy60 60 ns 110 ns
’28F002Axy/200Axy70 70 ns 130 ns
’28F002Axy/200Axy80 80 ns 150 ns
– Automotive
5-V VCC " 10%
’28F200Axy70
70 ns
’28F200Axy80
80 ns
’28F200Axy90
90 ns
(x = S, E, F, Z, or M Depending on VCC/VPP
Voltage Configuration)
(y = T for Top or B for Bottom Boot-Block
Configuration)
D 100000- and 10000-Program/Erase-Cycle
Versions
D Three Temperature Ranges
– Commercial...0
°C to 70°C
– Extended...– 40
°C to 85°C
– Automotive...– 40
°C to 125°C
D Industry Standard Packages Offered in
– 40-pin Thin Small-Outline Package
(TSOP)
– 44-pin Plastic Small-Outline Package
(PSOP)
– 48-pin TSOP
D Low Power Dissipation (VCC = 5.5 V)
– Active Read... 330 mW ( Byte-Read)
– Active Write . . . 248 mW ( Byte-Write)
– Active Read... 330 mW ( Word-Read)
– Active Write . . . 248 mW ( Word-Write)
– Block-Erase... 165 mW
– Standby... 0.72 mW (CMOS-Input
Levels)
D Fully Automated On-Chip Erase and
Word / Byte Program Operations
D Write-Protection for Boot Block
D Industry Standard Command-State Machine
(CSM)
– Erase Suspend/Resume
– Algorithm-Selection Identifier
D Five Different Combinations of Supply
Voltages Offered
D All Inputs/Outputs TTL-Compatible
23
VCC
PIN NOMENCLATURE
A0 – A16
Address Inputs
A17
Address Input (40-Pin Package Only)
BYTE
Byte-Enable
DQ0 – DQ14 Data In / Out
DQ15/A –1 Data In / Out (Word-Wide Mode),
Low-Order Address (Byte-Wide Mode)
E
Chip-Enable
G
Output-Enable
NC
No Internal Connection
RP
Reset / Deep Power-Down
VCC
Power Supply
VPP
Power Supply for Program / Erase
VSS
Ground
W
Write-Enable
DU/WP
Do Not Use for AMy or AZy/Write-Protect
DBJ PACKAGE
( TOP VIEW )
VPP
DU/WP
NC
A7
A6
A5
A4
A3
A2
A1
A0
E
VSS
G
DQ0
DQ8
DQ1
DQ9
DQ2
DQ10
RP
W
A8
A9
A10
A11
A12
A13
A14
A15
A16
BYTE
VSS
DQ15/A –1
DQ7
DQ14
DQ6
DQ13
DQ5
DQ12
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
19
20
26
25
DQ3
DQ11
DQ4
21
22
24
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
© 1997, Texas Instruments Incorporated


Similar Part No. - TMS28F002AMB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS28F002AEB TI1-TMS28F002AEB Datasheet
1Mb / 79P
AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
More results

Similar Description - TMS28F002AMB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS29F400B TI-TMS29F400B Datasheet
670Kb / 51P
524288 BY 8-BIT/262144 BY 16-BIT FLASH MEMORIES
TMS28F400BZT TI-TMS28F400BZT Datasheet
404Kb / 29P
8-BIT/262144 BY 16-BIT BOOT-BLOCK FLASH MEMORIES
TMS28F004AXY TI-TMS28F004AXY Datasheet
1Mb / 80P
524288 BY 8-BIT/262144 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
TMS28F008AXY TI-TMS28F008AXY Datasheet
714Kb / 52P
1 048 576 BY 8-BIT/524 288 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
TMS28F200BZT TI-TMS28F200BZT Datasheet
405Kb / 29P
262144 BY 8-BIT/131072 BY 16-BIT BOOT-BLOCK FLASH MEMORIES
TMS28F004AEB TI1-TMS28F004AEB Datasheet
1Mb / 80P
524288 BY 8-BIT/262144 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
TMS28F008AEB TI1-TMS28F008AEB Datasheet
696Kb / 52P
1 048 576 BY 8-BIT/524 288 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
TMS28F1600 TI1-TMS28F1600 Datasheet
616Kb / 44P
16M-BIT (1M BY 16, 2M BY 8) CONCURRENT OPERATIONS AUTO-SELECT BOOT-BLOCK FLASH MEMORY
TMS29F002RB TI1-TMS29F002RB Datasheet
517Kb / 41P
262144 BY 8-BIT FLASH MEMORIES
TMS29F002B TI1-TMS29F002B Datasheet
453Kb / 38P
262144 BY 8-BIT FLASH MEMORIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com