Electronic Components Datasheet Search
  English  ▼

X  

HS402 Datasheet(PDF) 2 Page - Multicomp Pro

Part # HS402
Description  Heatshrink Adhesive Lined
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

HS402 Datasheet(HTML) 2 Page - Multicomp Pro

  HS402 Datasheet HTML 1Page - Multicomp Pro HS402 Datasheet HTML 2Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page <2>
V1.0
23/06/22
Heatshrink
Adhesive Lined
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Dimensions: Heat Shrinkable Tubing of 4X
Size
As supplied (mm)
After Recovered (mm)
Part Number
Inch mm Min. I.D. Average
W.T.
O.D.
Max. I.D.
Total
W.T.
Adhesive
Thickness
O.D.
-
4
4
0.5 ±0.1
5.1 ±0.2
1
1 ±0.15
0.4 ±0.15
3 ±0.3
HS400
HS409
-
6
6
0.4 ±0.1
7.1 ±0.2
1.5
1.1 ±0.15
0.4 ±0.15
3.7 ±0.3
HS401
HS410
-
8
8
0.55 ±0.1 9.5 ±0.2
2
1.5 ±0.15
0.5 ±0.15
5 ±0.3
HS402
HS411
-
12
12
0.55 ±0.1 13.5 ±0.2
3
1.7 ±0.15
0.5 ±0.15
6.4 ±0.3
HS403
HS412
-
16
16
0.65 ±0.1 17.8 ±0.2
4
2 ±0.15
0.6 ±0.15
7 ±0.3
HS404
-
-
20
20
0.65 ±0.1 22.4 ±0.2
5
2.3 ±0.25
0.6 ±0.15
9.6 ±0.3
HS405
-
-
24
24
0.8 ±0.15 26.8 ±0.2
6
2.5 ±0.25
0.6 ±0.15
11 ±0.3
HS406
-
-
32
32
0.9 ±0.15 35.2 ±0.2
8
2.8 ±0.3
0.7 ±0.15
13.6 ±0.3
HS407
-
-
52
52
1 ±0.15
54 ±0.2
13
3 ±0.3
0.7 ±0.15
19 ±0.6
HS408
-
Size
As supplied (mm)
After Recovered (mm)
Inch mm
Min. I.D.
Average W.T.
O.D.
Max. I.D.
Total W.T. Adhesive Thickness
O.D.
5/8
15
15
0.70 ±0.1
16.4 ±0.2
5.2
1.8 ±0.1
0.55 ±0.1
8.8 ±0.2
3/4
19.1
19.1
0.76 ±0.1
20.6 ±0.2
6.3
2 ±0.1
0.55 ±0.1
10.3 ±0.2
1
25.4
25.4
0.78 ±0.1
27.0 ±0.2
8.5
2.1 ±0.1
0.55 ±0.1
12.7 ±0.2
1-1/4
30
30
0.80 ±0.1
31.6 ±0.2
10.2
2.2 ±0.1
0.6 ±0.1
14.6 ±0.2
1-1/2
39
39
0.85 ±0.1
40.7 ±0.2
13.5
2.4 ±0.1
0.6 ±0.1
18.3 ±0.2
2
50
50
0.95 ±0.1
51.9 ±0.2
17
2.7 ±0.1
0.7 ±0.1
22.4 ±0.2
Description
Part Number
Heatshrink, Black, 4mm, 1.2m
HS400
Heatshrink, Sleeving, 6mm, 4:1
HS401
Heatshrink, Sleeving, 8mm, 4:1
HS402
Heatshrink, Sleeving, 12mm, 4:1
HS403
Heat Shrink, Black, 16mm, 1.2m
HS404
Heatshrink, 20mm, Black, 1.2m
HS405
Heat Shrink, Adhesive, Black, 24mm, 1.2m
HS406
Part Number Table
Description
Part Number
Heat Shrink, Adhesive, Black, 32mm, 1.2m
HS407
Heatshrink, Sleeving, 52mm, 4:1
HS408
Heatshrink, Sleeving, 4mm, 4:1, 5m
HS409
Heatshrink, Sleeving, 6mm, 4:1, 5m
HS410
Heatshrink, Sleeving, 8mm, 4:1, 5m
HS411
Heatshrink, Sleeving, 12mm, 4:1, 5m
HS412
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. Multicomp Pro is the registered trademark of Premier Farnell Limited 2019.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com