Electronic Components Datasheet Search
  English  ▼

X  

HS402 Datasheet(PDF) 1 Page - Multicomp Pro

Part # HS402
Description  Heatshrink Adhesive Lined
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

HS402 Datasheet(HTML) 1 Page - Multicomp Pro

  HS402 Datasheet HTML 1Page - Multicomp Pro HS402 Datasheet HTML 2Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page <1>
V1.0
23/06/22
Heatshrink
Adhesive Lined
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
High Shrink Ratio, Adhesive Lined, Polyolefin Heat Shrink Tubing
3X and 4X
Characteristics:
Operating Temperature
: -55°C to +125°C
Min. Shrink Temperature
: 70°C
Shrink Ratio
: 3:1 and 4:1
Approvals
: UL224, 125°C 600V VW-1 (except clear)
Standard Colour
: Black
(Other colours are also available on request)
Applications
Manufactured by co-extrusion of polyolefin and hot-melt adhesive. Designed to provide both insulation and sealing for the
protected items. Typically used for the protection of automotive wires, bundled wires and metal tubes against water and
moisture. The high expansion ratio makes it possible to repair most damaged cable jackets without removing connectors.
Technical Data
Property
Test Method
Typical Data
Tensile Strength
ASTM D 2671
10.4MPa
Ultimate Elongation (%)
ASTM D 2671
30
Longitudinal Shrinkage (%)
UL 224
0 to -10
Heat Aging
Ultimate Elongation (%)
158°C, 168hrs.
200
Flammability
VW-1
Pass (outer jacket only)
Dielectric Strength (kv/mm)
IEC 243
20
Volume Resistivity (Ω-cm)
UL224
1 × 1014
Copper Stability
ASTM D 2671
Pass
Corrosion
UL224
No corrosion
Dimensions: Heat Shrinkable Tubing of 3X
Size
As supplied (mm)
After Recovered (mm)
Inch mm
Min. I.D.
Average W.T.
O.D.
Max. I.D.
Total W.T. Adhesive Thickness
O.D.
1/8
3.2
3.2
0.3 ±0.08
3.6 ±0.2
1
0.95 ±0.08
0.35 ±0.08
2.9 ±0.2
3/16
4.8
4.8
0.46 ±0.08
5.7 ±0.2
1.6
1.1 ±0.08
0.4 ±0.08
3.8 ±0.2
1/4
6.4
6.4
0.5 ±0.08
7.4 ±0.2
2.2
1.2 ±0.08
0.45 ±0.08
4.6 ±0.2
5/16
7.9
7.9
0.52 ±0.08
8.9 ±0.2
2.7
1.35 ±0.08
0.5 ±0.08
5.4 ±0.2
3/8
9.5
9.5
0.55 ±0.08
10.6 ±0.2
3.2
1.45 ±0.08
0.5 ±0.08
6.1 ±0.2
1/2
12.7
12.7
0.68 ±0.08
14.1 ±0.2
4.2
1.7 ±0.08
0.5 ±0.08
7.6 ±0.2


Similar Part No. - HS402

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HS402 ETC2-HS402 Datasheet
131Kb / 2P
Heatshrink Adhesive Lined
More results

Similar Description - HS402

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CGAT MACOM-CGAT Datasheet
48Kb / 2P
Adhesive lined polyolefin heat-shrinkable tubing
logo
Qualtek Electronics Cor...
Q5-3X QUALTEK-Q5-3X_13 Datasheet
806Kb / 1P
HEAT SHRINK MEDIUM / HEAVY WALL - ADHESIVE LINED
Q5-4X QUALTEK-Q5-4X_13 Datasheet
684Kb / 1P
HEAT SHRINK MEDIUM / HEAVY WALL - ADHESIVE LINED
Q5-4XR QUALTEK-Q5-4XR_13 Datasheet
637Kb / 1P
HEAT SHRINK MEDIUM / HEAVY WALL - ADHESIVE LINED
Q5-F3X QUALTEK-Q5-F3X_13 Datasheet
737Kb / 1P
HEAT SHRINK MEDIUM / HEAVY WALL - ADHESIVE LINED
Q5-F4X QUALTEK-Q5-F4X_13 Datasheet
701Kb / 1P
HEAT SHRINK MEDIUM / HEAVY WALL - ADHESIVE LINED
QRA-6X QUALTEK-QRA-6X_13 Datasheet
663Kb / 1P
HEAT SHRINK MEDIUM / HEAVY WALL - ADHESIVE LINED
logo
List of Unclassifed Man...
HS407 ETC2-HS407 Datasheet
131Kb / 2P
Heatshrink Adhesive Lined
QD-2000 ETC-QD-2000 Datasheet
2Mb / 1P
HEAT SHRINK MEDIUM / HEAVY WALL - ADHESIVE LINED
QEC-150 ETC-QEC-150 Datasheet
350Kb / 1P
HEAT SHRINK MEDIUM / HEAVY WALL - ADHESIVE LINED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com