Electronic Components Datasheet Search
  English  ▼

X  

0803930 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0803930
Description  MM-WMS-2 9,5 (EX16)R C1 WH/BK - Shrink sleeve
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803930 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0803930 Datasheet HTML 1Page - PHOENIX CONTACT 0803930 Datasheet HTML 2Page - PHOENIX CONTACT 0803930 Datasheet HTML 3Page - PHOENIX CONTACT 0803930 Datasheet HTML 4Page - PHOENIX CONTACT 0803930 Datasheet HTML 5Page - PHOENIX CONTACT 0803930 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Shrink sleeve, Roll, white/black, unmarked, can be labeled with: THERMOFOX,
THERMOMARK GO, THERMOMARK GO.K, cable diameter range: 4.8 ... 9.5 mm, mounting
type: slide-on, Number of individual labels: 1, text field height: 12.5 mm, text field width: 1800
mm
Your advantages
High-quality and solvent-resistant marking solution for industrial applications that is created by means of thermal transfer printing
•
Thanks to the continuous format, a shrink sleeve marker of the appropriate length can be created flexibly for the relevant application
•
Easy and efficient material cartridge system: Includes both the material to be printed and the corresponding ink ribbon
•
No visible difference between retrospective marking and existing markings created with a desktop roll printer
•
The shrink sleeve material provides additional electrical insulation and mechanical protection for conductors
•
The conductor to be marked is simply threaded through the sleeve and fixed by shrinking the sleeve
•
The material is cUL certified
•
Commercial data
Item number
0803930
Packing unit
1 pc
Minimum order quantity
1 pc
Sales key
BG23
Product key
BG221E
GTIN
4055626212104
Weight per piece (including packing)
62.5 g
Weight per piece (excluding packing)
60.3 g
Customs tariff number
96121010
Country of origin
CN
MM-WMS-2 9,5 (EX16)R C1 WH/BK - Shrink sleeve
0803930
https://www.phoenixcontact.com/us/products/0803930
Aug 18, 2025, 7:07AM
Page 1 (6)


Similar Part No. - 0803930

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803931 PHOENIX-0803931 Datasheet
305Kb / 25P
Thermal transfer printer set - THERMOMARK GO SET
0803931 PHOENIX-0803931 Datasheet
195Kb / 6P
MM-WML 3 (EX10)R C1 WH/BK - Cable marker label
0803932 PHOENIX-0803932 Datasheet
305Kb / 25P
Thermal transfer printer set - THERMOMARK GO SET
0803932 PHOENIX-0803932 Datasheet
194Kb / 6P
MM-WML 5 (EX10)R C1 WH/BK - Cable marker label
0803937 PHOENIX-0803937 Datasheet
53Kb / 2P
Label, highly flexible - MM-EMLF (EX10)R C1 WH/BK
More results

Similar Description - 0803930

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803937 PHOENIX-0803937 Datasheet
53Kb / 2P
Label, highly flexible - MM-EMLF (EX10)R C1 WH/BK
0803939 PHOENIX-0803939 Datasheet
52Kb / 2P
Label, highly flexible - MM-EMLF (EX18)R C1 WH/BK
0803940 PHOENIX-0803940 Datasheet
52Kb / 2P
Label, highly flexible - MM-EMLF (EX24)R C1 WH/BK
0803971 PHOENIX-0803971 Datasheet
52Kb / 2P
Label - MM-EML (EX12)R C1 WH/BK
0803973 PHOENIX-0803973 Datasheet
52Kb / 2P
Label - MM-EML (EX24)R C1 WH/BK
0803975 PHOENIX-0803975 Datasheet
52Kb / 2P
Label - MM-EML (EX12)R C1 SR/BK
0803983 PHOENIX-0803983 Datasheet
51Kb / 2P
Label - MM-TMT (EX9,5)R C1 WH/BK
1116113 PHOENIX-1116113 Datasheet
54Kb / 2P
Label - MM-EML (EX14)R C1 SR/BK
0803928 PHOENIX-0803928 Datasheet
172Kb / 3P
Shrink sleeve - MM-WMS-2 4,8 (EX9)R C1 WH/BK
12/24/2021
0800294 PHOENIX-0800294 Datasheet
449Kb / 14P
WMS 12,7 (EX20)R - Shrink sleeve
Oct 17, 2023,
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com