Electronic Components Datasheet Search
  English  ▼

X  

0803930 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0803930
Description  MM-WMS-2 9,5 (EX16)R C1 WH/BK - Shrink sleeve
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803930 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0803930 Datasheet HTML 1Page - PHOENIX CONTACT 0803930 Datasheet HTML 2Page - PHOENIX CONTACT 0803930 Datasheet HTML 3Page - PHOENIX CONTACT 0803930 Datasheet HTML 4Page - PHOENIX CONTACT 0803930 Datasheet HTML 5Page - PHOENIX CONTACT 0803930 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Technical data
Product properties
Product type
Shrink sleeve
Area of application
Railway industry
Marking
Number of individual labels
1
Number of individual labels per row
1
Identification technology
Thermal transfer
Dimensions
Height
16.5 mm
Length
1.8 m
External dimensions
Outside diameter
4.8 mm ... 9.5 mm
Text field
Text field width
1800 mm
Text field height
12.5 mm
Material specifications
multicolored
white (RAL 9010)
Color
black (RAL 9005)
Material
Polyolefine
Base element material
polyolefine
Shrink rate
2:1
Fire protection for rail vehicles (DIN EN 45545-2) R22
HL 1 - HL 3
Components
free from silicone, halogen, and cadmium
Cable/line
External cable diameter
4.8 mm ... 9.5 mm
Environmental and real-life conditions
Test for substances that would hinder coating with paint or varnish
Result
Test passed
UV resistance
Specification
ISO 4892-2:2013-03
Result
Test passed
Test duration
96 h
Wipe resistance of inscriptions
MM-WMS-2 9,5 (EX16)R C1 WH/BK - Shrink sleeve
0803930
https://www.phoenixcontact.com/us/products/0803930
Aug 18, 2025, 7:07AM
Page 2 (6)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com