Electronic Components Datasheet Search
  English  ▼

X  

LP3981 Datasheet(PDF) 15 Page - Texas Instruments

Part # LP3981
Description  LP3981 Micropower, 300-mA Ultra-Low-Dropout CMOS Voltage Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3981 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LP3981 Datasheet HTML 11Page - Texas Instruments LP3981 Datasheet HTML 12Page - Texas Instruments LP3981 Datasheet HTML 13Page - Texas Instruments LP3981 Datasheet HTML 14Page - Texas Instruments LP3981 Datasheet HTML 15Page - Texas Instruments LP3981 Datasheet HTML 16Page - Texas Instruments LP3981 Datasheet HTML 17Page - Texas Instruments LP3981 Datasheet HTML 18Page - Texas Instruments LP3981 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
1
2
3
6
5
4
OUT
IN
EN
BYPASS
GND
CIN
COUT
CBYPASS
OUT-SENSE
LP3981
www.ti.com
SNVS159H – OCTOBER 2001 – REVISED JULY 2015
10 Power Supply Recommendations
The LP3981 is designed to operate from an input voltage supply range between 2.5 V and 6 V. The input voltage
range provides adequate headroom in order for the device to have a regulated output. This input supply must be
well regulated. If the input supply is noisy, additional input capacitors with low ESR can help to improve the
output noise performance.
11 Layout
11.1 Layout Guidelines
For best overall performance, place all circuit components on the same side of the circuit board and as near as
practical to the respective LDO pin connections. Place ground return connections to the input and output
capacitor, and to the LDO ground pin as close to each other as possible, connected by a wide, component-side,
copper surface. The use of vias and long traces to create LDO circuit connections is strongly discouraged and
negatively affects system performance. This grounding and layout scheme minimizes inductive parasitics, and
thereby reduces load-current transients, minimizes noise, and increases circuit stability. A ground reference
plane is also recommended and is either embedded in the PCB itself or located on the bottom side of the PCB
opposite the components. This reference plane serves to assure accuracy of the output voltage, shield noise,
and behaves similar to a thermal plane to spread (or sink) heat from the LDO device. In most applications, this
ground plane is necessary to meet thermal requirements.
11.2 Layout Example
Figure 20. LP3981 Layout Example
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LP3981



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com