Electronic Components Datasheet Search
  English  ▼

X  

LP3981 Datasheet(PDF) 10 Page - Texas Instruments

Part # LP3981
Description  LP3981 Micropower, 300-mA Ultra-Low-Dropout CMOS Voltage Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3981 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP3981 Datasheet HTML 6Page - Texas Instruments LP3981 Datasheet HTML 7Page - Texas Instruments LP3981 Datasheet HTML 8Page - Texas Instruments LP3981 Datasheet HTML 9Page - Texas Instruments LP3981 Datasheet HTML 10Page - Texas Instruments LP3981 Datasheet HTML 11Page - Texas Instruments LP3981 Datasheet HTML 12Page - Texas Instruments LP3981 Datasheet HTML 13Page - Texas Instruments LP3981 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
HIGH = ON
LOW = OFF
Overcurrent and
Thermal Protection
VREFERENCE
1.23 V
Fast Turnon
Circuit
R2
IN
EN
BYPASS
OUT
OUT-SENSE
GND
LP3981
SNVS159H – OCTOBER 2001 – REVISED JULY 2015
www.ti.com
8 Detailed Description
8.1 Overview
The LP3981 family of fixed-output, ultra-low-dropout, and low-noise regulators offers exceptional performance for
battery-powered applications. Available for voltages from 2.5-V to 3.3-V, the family is capable of delivering
300-mA continuous load current.
The LP3981 contains several features to facilitate battery-powered designs:
•
Low dropout voltage , typical dropout of 132-mV at 300-mA load current.
•
Low quiescent current and low ground current. Ground current is typically 170 µA at 150-mA load, and 70 µA
at 1-mA load.
•
A shutdown feature is available , allowing the regulator to consume only 0.003 µA typically when the EN pin
is pulled low.
•
Power supply rejection is 60-dB at 1 kHZ.
•
Low noise; BYPASS pin allows for low-noise operation, with typically 35-µVRMS output noise over 10 Hz to
100 kHz.
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 On/Off Input Operation
The LP3981 is turned off by pulling the EN pin low, and turned on by pulling it high. If this feature is not used, the
EN pin must be tied to VIN to keep the regulator output on at all time. To assure proper operation, the signal
source used to drive the EN input must be able to swing above and below the specified turnon and turnoff
voltage thresholds listed in Electrical Characteristics under VIL and VIH.
8.3.2 Fast On-Time
The LP3981 utilizes a speed up circuitry to ramp up the internal VREF voltage to its final value to achieve a fast
output turn on time.
10
Submit Documentation Feedback
Copyright © 2001–2015, Texas Instruments Incorporated
Product Folder Links: LP3981



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com