Electronic Components Datasheet Search
  English  ▼

X  

MAX3222CDWR Datasheet(PDF) 4 Page - Texas Instruments

Part # MAX3222CDWR
Description  MAX3222 3-V to 5.5-V Multichannel RS-232 Line Driver and Receiver With ±15-kV ESD Protection
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MAX3222CDWR Datasheet(HTML) 4 Page - Texas Instruments

  MAX3222CDWR Datasheet HTML 1Page - Texas Instruments MAX3222CDWR Datasheet HTML 2Page - Texas Instruments MAX3222CDWR Datasheet HTML 3Page - Texas Instruments MAX3222CDWR Datasheet HTML 4Page - Texas Instruments MAX3222CDWR Datasheet HTML 5Page - Texas Instruments MAX3222CDWR Datasheet HTML 6Page - Texas Instruments MAX3222CDWR Datasheet HTML 7Page - Texas Instruments MAX3222CDWR Datasheet HTML 8Page - Texas Instruments MAX3222CDWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
4
MAX3222
SLLS408H – JANUARY 2000 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: MAX3222
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to network GND.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply voltage, VCC
(2)
–0.3
6
V
Positive output supply voltage, V+(2)
–0.3
7
V
Negative output supply voltage, V– (2)
0.3
-7
V
Supply voltage difference, V+ – V–
13
V
Input voltage, VI
Drivers, EN, PWRDOWN
–0.3
6
V
Receiver
–25
25
Output voltage, VO
Drivers
–13.2
13.2
V
Receivers
–0.3
VCC + 0.3
Operating virtual junction temperature, TJ
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001
RIN, DOUT, and GND pins (1)
Pins 8, 9, 16, 17
and 18
±15000
V
All other pins
±3000
Charged-device model (CDM), per JEDEC specification JESD22-
C101(2)
All pins
±1500
(1)
Test conditions are C1
−C4 = 0.1 μF at VCC = 3.3 V ± 0.3 V; C1 = 0.047 μF, C2−C4 = 0.33 μF at VCC = 5 V ± 0.5 V.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
(1). See Figure 8.
MIN
NOM
MAX
UNIT
Supply voltage
VCC = 3.3 V
3
3.3
3.6
V
VCC = 5 V
4.5
5
5.5
VIH
Driver and control high-level
input voltage
DIR, EN, PWRDOWN
VCC = 3.3 V
2
V
VCC = 5 V
2.4
VIL
Driver and control low-level
input voltage
DIR, EN, PWRDOWN
0.8
V
VI
Driver and control input voltage
DIR, EN, PWRDOWN
0
5.5
V
VI
Receiver input voltage
–25
25
V
TA
Operating free-air temperature
MAX3222C
0
70
ºC
MAX3222I
–40
85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com