Electronic Components Datasheet Search
  English  ▼

X  

OPA358 Datasheet(PDF) 3 Page - Texas Instruments

Part # OPA358
Description  3V VIDEO AMPLIFIER with Internal Gain and Filter in SC70
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA358 Datasheet(HTML) 3 Page - Texas Instruments

  OPA358 Datasheet HTML 1Page - Texas Instruments OPA358 Datasheet HTML 2Page - Texas Instruments OPA358 Datasheet HTML 3Page - Texas Instruments OPA358 Datasheet HTML 4Page - Texas Instruments OPA358 Datasheet HTML 5Page - Texas Instruments OPA358 Datasheet HTML 6Page - Texas Instruments OPA358 Datasheet HTML 7Page - Texas Instruments OPA358 Datasheet HTML 8Page - Texas Instruments OPA358 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
OPA361
SBOS334A − SEPTEMBER 2005 − REVISED JANUARY 2006
www.ti.com
3
ELECTRICAL CHARACTERISTICS: VS = +2.5V to +3.3V
Boldface limits apply over the temperature range, TA = −40°C to +125°C.
At TA = +25°C, RL = 150Ω connected to GND, unless otherwise noted.
OPA361
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
OFFSET LEVEL-SHIFT VOLTAGE
Output Level-Shift Voltage(1)
VOLS
VS = +2.8V, VIN = GND
−3
11
55
mV
Over Temperature
20
mV
vs Power Supply
PSRR
VS = +2.5V to +3.3V
±80
µV/V
INPUT VOLTAGE RANGE
Input Voltage Range(2)
VCM
VS = 2.5V
GND
0.42
V
VS = 2.8V
GND
0.48
V
VS = 3.3V
GND
0.55
V
Input Resistance (+In)
RIN
450
510
550
Ω
RSET Resistance
RSET
3600
4070
4400
Ω
Matching of RIN and RSET
2
0.5
%
VOLTAGE GAIN
∆VOUT/∆VIN, VS = +2.5V, VINMIN =0V,VINMAX = 0.42V
5.06
5.17
5.28
V/V
∆VOUT/∆VIN, VS = +2.8V, VINMIN =0V,VINMAX = 0.48V
5.06
5.17
5.28
V/V
∆VOUT/∆VIN, VS = +3.3V, VINMIN =0V,VINMAX = 0.55V
5.06
5.17
5.28
V/V
FREQUENCY RESPONSE
Filter Response
Cutoff Frequency
f−3dB
9
MHz
Normalized Gain: fIN = 4.5MHz
VO = 2VPP
−0.1
dB
fIN = 27MHz
VO = 2VPP
−18
dB
fIN = 54MHz
VO = 2VPP
−23
dB
Differential Gain Error
RL = 150Ω
1.2
%
Differential Phase Error
RL = 150Ω
1.6
degrees
Group Delay Variation
100kHz, 4.5MHz
26
ns
Signal-to-Noise Ratio
SNR
100% White Signal
65
dB
OUTPUT
Positive Voltage Output Swing from Rail
VS = +2.8V, VIN = 0.7V, RL = 150Ω to GND
130
250
mV
Negative Voltage Output Swing from Rail
VS = +2.8V, VIN = −0.05V, RL = 150Ω to GND
0.15
5
mV
Positive Voltage Output Swing from Rail
VS = +2.8V, VIN = 0.7V, RL = 75Ω to GND
260
mV
Negative Voltage Output Swing from Rail
VS = +2.8V, VIN = −0.05V, RL = 75Ω to GND
2
mV
Output Leakage
VS = +2.8V, Disabled, VO = 2V
0.3
100
nA
Output Current(3)
IO
VS = +2.8V
±80
mA
POWER SUPPLY
Specified Voltage Range
VS
2.5
3.3
V
Quiescent Current
IQ
VS = +2.8V, Enabled, IO = 0, VOUT = 1.4V
5.3
7.5
mA
Over Temperature
Specified Temperature Range
9
mA
ENABLE/SHUTDOWN FUNCTION
Disabled (logic-LOW threshold)
0
0.35
V
Enabled (logic-HIGH threshold)
1.3
VS
V
Enable Time
1.5
µs
Disable Time
50
ns
Shutdown Current
VS = +2.8V, Disabled
1.5
3
µA
TEMPERATURE RANGE
Specified/Operating Range
−40
+125
°C
Storage Range
−65
+150
°C
Thermal Resistance
qJA
SC70
250
°C/W
(1) Output referred.
(2) Limited by output swing and internal G = 5.2V/V.
(3) See typical characteristics Output Voltage Swing vs Output Current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com