Electronic Components Datasheet Search
  English  ▼

X  

OPA358 Datasheet(PDF) 8 Page - Texas Instruments

Part # OPA358
Description  3V VIDEO AMPLIFIER with Internal Gain and Filter in SC70
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA358 Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA358 Datasheet HTML 4Page - Texas Instruments OPA358 Datasheet HTML 5Page - Texas Instruments OPA358 Datasheet HTML 6Page - Texas Instruments OPA358 Datasheet HTML 7Page - Texas Instruments OPA358 Datasheet HTML 8Page - Texas Instruments OPA358 Datasheet HTML 9Page - Texas Instruments OPA358 Datasheet HTML 10Page - Texas Instruments OPA358 Datasheet HTML 11Page - Texas Instruments OPA358 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
OPA361
SBOS334A − SEPTEMBER 2005 − REVISED JANUARY 2006
www.ti.com
8
OPERATING VOLTAGE
The OPA361 is fully specified from 2.5V to 3.3V over a
temperature range of −40
_C to +125_C. Parameters that
vary significantly with operating voltages or temperature
are shown in the Typical Characteristics. Power-supply
pins should be bypassed with 100nF ceramic capacitors.
INPUT VOLTAGE
The input common-mode range of the OPA361 series
extends from GND to 0.55V on a 3.3V supply. The input
range is limited by the internal gain in conjunction with the
maximum output swing capability and the power-supply
voltage.
INPUT OVERVOLTAGE PROTECTION
All OPA361 pins are static-protected with internal ESD
protection diodes connected to the supplies. These diodes
will provide input overdrive protection if the current is
externally limited to 10mA.
ENABLE/SHUTDOWN
The OPA361 has a shutdown feature that disables the
output and reduces the quiescent current to less than
1.5
µA. This feature is especially useful for portable video
applications, where the device is infrequently connected to
a television (TV) or other video device.
The Enable logic input voltage is referenced to the
OPA361 GND pin. A logic level HIGH applied to the enable
pin enables the op amp. The logic levels are compatible
with 1.8V CMOS logic levels. A valid logic HIGH is defined
as > 1.3V above GND. A valid logic LOW is defined as
< 0.35V above GND. If the Enable pin is not connected,
internal pull-up circuitry will enable the amplifier.
When disabling the OPA361, internal circuitry also
disconnects the internal gain setting feedback. This
feature is in support of the TV-detection function. See the
TV-Detect Function section for more detailed information.
INTERNAL 2-POLE FILTER
The OPA361 filter is a Sallen-Key topology with a 9MHz
cutoff frequency. Figure 2 shows a detailed drawing of the
filter components. This filter allows video signals to pass
without any visible distortion, as shown in Figure 3 through
Figure 6. The video encoder embedded in the OMAP242x
processor typically samples at 54MHz. At this frequency,
the attenuation is typically 23dB, which effectively
attenuates the sampling aliases.
The internal 500
Ω resistor on the input to GND converts
the output current of the OMAP2420 internal video DAC
into a voltage. It is also part of the Sallen-Key filter. Using
an external resistor to adjust the input voltage range will
also alter the filter characteristics.
12.5pF
1k
Ω
4.22k
Ω
2.2k
Ω
2.2k
Ω
V
O
OPA361
()
3.6pF
500
Ω
75
Ω
75
Ω
Television
Figure 2. Filter Structure of the OPA361



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com