Electronic Components Datasheet Search
  English  ▼

X  

OPA830 Datasheet(PDF) 17 Page - Texas Instruments

Part # OPA830
Description  Dual, Low-Power, High-Speed, Fixed-Gain Operational Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA830 Datasheet(HTML) 17 Page - Texas Instruments

Back Button OPA830 Datasheet HTML 13Page - Texas Instruments OPA830 Datasheet HTML 14Page - Texas Instruments OPA830 Datasheet HTML 15Page - Texas Instruments OPA830 Datasheet HTML 16Page - Texas Instruments OPA830 Datasheet HTML 17Page - Texas Instruments OPA830 Datasheet HTML 18Page - Texas Instruments OPA830 Datasheet HTML 19Page - Texas Instruments OPA830 Datasheet HTML 20Page - Texas Instruments OPA830 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
TYPICAL CHARACTERISTICS: VS = +3.3V
3
0
−3
−6
−9
−12
−15
Frequency (MHz)
1
10
100
300
G =
−1
G = +2
V
O = 0.2VPP
R
L = 150Ω
3
0
−3
−6
−9
−12
−15
Frequency (MHz)
1
10
100
300
V
O = 1VPP,
V
O = 0.5VPP
V
O = 1.5VPP
G = +2V/V
R
L = 150Ω
See Figure 62
0.15
0.10
0.05
0
−0.05
−0.10
−0.15
Time (10ns/div)
G = +2V/V
R
L = 150Ω
V
O = 200mVPP
See Figure 62
0.6
0.4
0.2
0
−0.2
−0.4
−0.6
Time (10ns/div)
G = +2V/V
R
L = 150Ω
V
O = 1VPP
See Figure 62
60
50
40
30
20
10
0
Capacitive Load (pF)
1
10
100
1k
1dB Peaking Targeted
3
0
−3
−6
−9
−12
−15
Frequency (MHz)
1
10
100
300
C
L = 1000pF
C
L = 100pF
C
L = 10pF
R
S
1/2
O P A 2 832
VI
1k
Ω(1)
CL
NOTE: (1) 1k
Ωis optional.
OPA2832
www.ti.com ............................................................................................................................................. SBOS327C – FEBRUARY 2005 – REVISED AUGUST 2008
At TA = +25°C, G = +2V/V, and RL = 150Ω to VCM = 0.75V, unless otherwise noted (see Figure 62).
SMALL-SIGNAL FREQUENCY RESPONSE
LARGE-SIGNAL FREQUENCY RESPONSE
Figure 44.
Figure 45.
SMALL-SIGNAL PULSE RESPONSE
LARGE-SIGNAL PULSE RESPONSE
Figure 46.
Figure 47.
REQUIRED RS vs CAPACITIVE LOAD
FREQUENCY RESPONSE vs CAPACITIVE LOAD
Figure 48.
Figure 49.
Copyright © 2005–2008, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): OPA2832



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com