Electronic Components Datasheet Search
  English  ▼

X  

OPA830 Datasheet(PDF) 13 Page - Texas Instruments

Part # OPA830
Description  Dual, Low-Power, High-Speed, Fixed-Gain Operational Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA830 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA830 Datasheet HTML 9Page - Texas Instruments OPA830 Datasheet HTML 10Page - Texas Instruments OPA830 Datasheet HTML 11Page - Texas Instruments OPA830 Datasheet HTML 12Page - Texas Instruments OPA830 Datasheet HTML 13Page - Texas Instruments OPA830 Datasheet HTML 14Page - Texas Instruments OPA830 Datasheet HTML 15Page - Texas Instruments OPA830 Datasheet HTML 16Page - Texas Instruments OPA830 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
−40
−50
−60
−70
−80
−90
Load Resistance (
Ω )
100
1k
G = +2V/V
V
O = 2VPP
f = 5MHz
See Figure 61
3rd−Harmonic
2nd−Harmonic
−40
−50
−60
−70
−80
−90
−100
−110
Frequency (MHz)
0.1
1
10
20
3rd−Harmonic
2nd−Harmonic
G = +2V/V
R
L = 500Ω
V
O = 2VPP
See Figure 61
−30
−40
−50
−60
−70
−80
−90
−100
−110
Frequency (MHz)
0.1
1
10
20
3rd−Harmonic
2nd−Harmonic
G =
−1V/V
R
L = 500Ω
f = 5MHz
See Figure 61
−40
−50
−60
−70
−80
−90
−100
Output Voltage Swing (V
PP)
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
3rd−Harmonic
G = +2V/V
R
L = 500Ω
f = 5MHz
See Figure 61
2nd−Harmonic
−40
−45
−50
−55
−60
−65
−70
−75
−80
−85
−90
Single−Tone Load Power (dBm)
−24 −22 −20 −18 −16 −14 −12 −10 −8 −6 −4 −2
10MHz
5MHz
20MHz
1 /2
OP A2 832
PI
PO
50
Ω
500
Ω
100
10
1
Frequency (Hz)
100
1k
10k
100k
1M
10M
Voltage Noise (9.3nV/
√Hz)
Current Noise (2.3pA/
√Hz)
OPA2832
www.ti.com ............................................................................................................................................. SBOS327C – FEBRUARY 2005 – REVISED AUGUST 2008
TYPICAL CHARACTERISTICS: VS = +5V (continued)
At TA = +25°C, G = +2V/V, and RL = 150Ω to VCM = 2V, unless otherwise noted (see Figure 61).
HARMONIC DISTORTION vs LOAD RESISTANCE
G = +2, HARMONIC DISTORTION vs FREQUENCY
Figure 25.
Figure 26.
HARMONIC DISTORTION vs OUTPUT VOLTAGE
G = –1, HARMONIC DISTORTION vs FREQUENCY
Figure 27.
Figure 28.
TWO-TONE, 3RD-ORDER
INTERMODULATION SPURIOUS
INPUT VOLTAGE AND CURRENT NOISE
Figure 29.
Figure 30.
Copyright © 2005–2008, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): OPA2832



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com