Electronic Components Datasheet Search
  English  ▼

X  

LMV721 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LMV721
Description  10-MHz LOW-NOISE LOW-VOLTAGE LOW-POWER OPERATIONAL AMPLIFIERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV721 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMV721 Datasheet HTML 2Page - Texas Instruments LMV721 Datasheet HTML 3Page - Texas Instruments LMV721 Datasheet HTML 4Page - Texas Instruments LMV721 Datasheet HTML 5Page - Texas Instruments LMV721 Datasheet HTML 6Page - Texas Instruments LMV721 Datasheet HTML 7Page - Texas Instruments LMV721 Datasheet HTML 8Page - Texas Instruments LMV721 Datasheet HTML 9Page - Texas Instruments LMV721 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
www.ti.com
0.1
1
10
100
0.001
0.01
0.1
1
10
Output Voltage Referenced to VCC – V
VCC = 5 V
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
2
2.5
3
3.5
4
4.5
5
VCC – Supply Voltage – V
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0
0.3
0.6
0.9
1.2
1.5
VICR – Input Common-Mode Voltage – V
VCC = 2.2 V
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0
0.5
1
1.5
2
2.5
3
3.5
4
VICR – Input Common-Mode Voltage – V
VCC = 5 V
LMV721
,, LMV722
10-MHz LOW-NOISE LOW-VOLTAGE LOW-POWER
OPERATIONAL AMPLIFIERS
SLOS470A – JUNE 2005 – REVISED AUGUST 2006
TYPICAL CHARACTERISTICS (continued)
SINKING CURRENT
OUTPUT VOLTAGE SWING
vs
vs
OUTPUT VOLTAGE
SUPPLY VOLTAGE
INPUT OFFSET VOLTAGE
INPUT OFFSET VOLTAGE
vs
vs
INPUT COMMON-MODE VOLTAGE
INPUT COMMON-MODE VOLTAGE
6
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com