Electronic Components Datasheet Search
  English  ▼

X  

LMV721 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LMV721
Description  10-MHz LOW-NOISE LOW-VOLTAGE LOW-POWER OPERATIONAL AMPLIFIERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV721 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMV721 Datasheet HTML 4Page - Texas Instruments LMV721 Datasheet HTML 5Page - Texas Instruments LMV721 Datasheet HTML 6Page - Texas Instruments LMV721 Datasheet HTML 7Page - Texas Instruments LMV721 Datasheet HTML 8Page - Texas Instruments LMV721 Datasheet HTML 9Page - Texas Instruments LMV721 Datasheet HTML 10Page - Texas Instruments LMV721 Datasheet HTML 11Page - Texas Instruments LMV721 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
www.ti.com
0
20
40
60
80
100
120
1.E+02
1.E+03
1.E+04
1.E+05
1.E+06
1.E+07
f – Frequency – Hz
VCC = 2.2 V
100
1k
10k
100k
1M
10M
0
20
40
60
80
100
120
1.E+02
1.E+03
1.E+04
1.E+05
1.E+06
1.E+07
f – Frequency – Hz
VCC = 5 V
100
1k
10k
100k
1M
10M
-20
-10
0
10
20
30
40
50
60
70
80
1.E+03
1.E+04 1.E+05
1.E+06 1.E+07
1.E+08
f – Frequency – Hz
-20
-5
10
25
40
55
70
85
100
115
130
Phase
Gain
VCC = 5 V
1k
10k
100k
1M
10M
100M
-20
-10
0
10
20
30
40
50
60
70
80
1.E+03 1.E+04
1.E+05 1.E+06
1.E+07 1.E+08
f – Frequency – Hz
-20
-5
10
25
40
55
70
85
100
115
130
Phase
Gain
VCC = 2.2 V
1k
10k
100k
1M
10M
100M
LMV721
,, LMV722
10-MHz LOW-NOISE LOW-VOLTAGE LOW-POWER
OPERATIONAL AMPLIFIERS
SLOS470A – JUNE 2005 – REVISED AUGUST 2006
TYPICAL CHARACTERISTICS (continued)
PSRR
PSRR
vs
vs
FREQUENCY
FREQUENCY
GAIN AND PHASE
GAIN AND PHASE
vs
vs
FREQUENCY
FREQUENCY
8
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com