Electronic Components Datasheet Search
  English  ▼

X  

OPA4820IPWT Datasheet(PDF) 8 Page - Texas Instruments

Part # OPA4820IPWT
Description  Quad, Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA4820IPWT Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA4820IPWT Datasheet HTML 4Page - Texas Instruments OPA4820IPWT Datasheet HTML 5Page - Texas Instruments OPA4820IPWT Datasheet HTML 6Page - Texas Instruments OPA4820IPWT Datasheet HTML 7Page - Texas Instruments OPA4820IPWT Datasheet HTML 8Page - Texas Instruments OPA4820IPWT Datasheet HTML 9Page - Texas Instruments OPA4820IPWT Datasheet HTML 10Page - Texas Instruments OPA4820IPWT Datasheet HTML 11Page - Texas Instruments OPA4820IPWT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
OPA4820
SBOS317D − SEPTEMBER 2004 − REVISED AUGUST 2008
www.ti.com
8
TYPICAL CHARACTERISTICS: VS = ±5V (continued)
RF = 402Ω, RL = 100Ω, and G = +2, unless otherwise noted.
5
4
3
2
1
0
−1
−2
−3
−4
−5
OUTPUT VOLTAGE AND CURRENT LIMITATIONS
I
O (mA)
−150
−100
−50
0
50
100
150
R
L = 100Ω
R
L =25Ω
R
L =50Ω
1W Internal
Power Limit
Output Current
Limit
Output Current
Limit
1W Internal
Power Limit
Single Channel
8
6
4
2
0
−2
−4
−6
−8
NONINVERTING OVERDRIVE RECOVERY
Time (40ns/div)
4
3
2
1
0
−1
−2
−3
−4
Input Right Scale
Output Left Scale
R
L = 100Ω
G= +2V/V
See Figure 1
0.20
0.18
0.16
0.14
0.12
0.10
0.08
0.06
0.04
0.02
0
COMPOSITE VIDEO dG/dP
Video Loads
0.40
0.36
0.32
0.28
0.24
0.20
0.16
0.12
0.08
0.04
0
123
4
dG Negative Video
dG Positive Video
dP Negative Video
dP Positive Video
G= +2V/V
10
1
0.1
0.01
CLOSED−LOOP OUTPUT IMPEDANCE vs FREQUENCY
Frequency (Hz)
1k
10k
100k
1M
10M
100M
5
4
3
2
1
0
−1
−2
−3
−4
−5
INVERTING OVERDRIVE RECOVERY
Time (40ns/div)
Input
Output
R
L =100Ω
G=
−1V/V
SeeFigure2
1.0
0.5
0
−0.5
−1.0
TYPICAL DC DRIFT OVER TEMPERATURE
Ambient Temperature (
_C)
20
10
0
−10
−20
−50
−25
0
25
50
75
100
125
Input Offset Voltage (V
OS)
Left Scale
10x Input Offset Current (I
OS)
Right Scale
Input Bias Current (I
B)
Right Scale



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com