Electronic Components Datasheet Search
  English  ▼

X  

OPA4820IPWT Datasheet(PDF) 13 Page - Texas Instruments

Part # OPA4820IPWT
Description  Quad, Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA4820IPWT Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA4820IPWT Datasheet HTML 9Page - Texas Instruments OPA4820IPWT Datasheet HTML 10Page - Texas Instruments OPA4820IPWT Datasheet HTML 11Page - Texas Instruments OPA4820IPWT Datasheet HTML 12Page - Texas Instruments OPA4820IPWT Datasheet HTML 13Page - Texas Instruments OPA4820IPWT Datasheet HTML 14Page - Texas Instruments OPA4820IPWT Datasheet HTML 15Page - Texas Instruments OPA4820IPWT Datasheet HTML 16Page - Texas Instruments OPA4820IPWT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
OPA4820
SBOS317D − SEPTEMBER 2004 − REVISED AUGUST 2008
www.ti.com
13
APPLICATIONS INFORMATION
WIDEBAND VOLTAGE-FEEDBACK
OPERATION
The combination of speed and dynamic range offered by
the OPA4820 is easily achieved in a wide variety of
application circuits, providing that simple principles of
good
design
are
observed.
For
example,
good
power-supply decoupling, as shown in Figure 1, is
essential to achieve the lowest possible harmonic
distortion and smooth frequency response.
Proper printed circuit board (PCB) layout and careful
component selection will maximize the performance of the
OPA4820 in all applications, as discussed in the following
sections of this data sheet.
Figure 1 shows the gain of +2 configuration used as the
basis for most of the Typical Characteristics. Most of the
curves were characterized using signal sources with 50
Ω
driving impedance and with measurement equipment
presenting 50
Ω load impedance. In Figure 1, the 50Ω
shunt resistor at the VI terminal matches the source
impedance of the test generator while the 50
Ω series
resistor at the VO terminal provides a matching resistor for
the measurement equipment load. Generally, data sheet
specifications refer to the voltage swings at the output pin
(VO in Figure 1). The 100Ω load, combined with the 804Ω
total feedback network load, presents the OPA4820 with
an effective load of approximately 90
Ω in Figure 1.
+5V
−5V
−V
S
+V
S
R
S
50
Ω
V
O
V
IN
50
Ω
2.2
µF
2.2
µF
0.1
µF
R
G
402
Ω
R
F
402
Ω
50
Ω Source
50
Ω Load
0.1
µF
1/4
OPA4820
Figure 1. Gain of +2, High-Frequency Application
and Characterization Circuit
WIDEBAND INVERTING OPERATION
Operating the OPA4820 as an inverting amplifier has
several benefits and is particularly useful when a matched
50
Ω source and input impedance is required. Figure 2
shows the inverting gain of −1 circuit used as the basis of
the inverting mode Typical Characteristics.
+5V
−5V
50
Ω
V
O
V
I
0.1
µF
2.2
µF
0.1
µF
2.2
µF
R
M
57.6
Ω
R
T
205
Ω
R
F
402
Ω
50
Ω Source
50
Ω Load
0.01
µF
R
G
402
Ω
1/4
OPA4820
Figure 2. Inverting G = −1 Specifications and Test
Circuit
In the inverting case, just the feedback resistor appears as
part of the total output load in parallel with the actual load.
For the 100
Ω load used in the Typical Characteristics, this
gives a total load of 80
Ω in this inverting configuration. The
gain resistor is set to get the desired gain (in this case
402
Ω for a gain of −1) while an additional input matching
resistor (RM) can be used to set the total input impedance
equal to the source if desired. In this case, RM = 57.6Ω in
parallel with the 402
Ω gain setting resistor gives a
matched input impedance of 50
Ω. This matching is only
needed when the input needs to be matched to a source
impedance, as in the characterization testing done using
the circuit of Figure 2.
The OPA4820 offers extremely good DC accuracy as well as
low noise and distortion. To take full advantage of that DC
precision, the total DC impedance looking out of each of the
input nodes must be matched to get bias current
cancellation. For the circuit of Figure 2, this requires the
205
Ω resistor shown to ground on the noninverting input. The
calculation for this resistor includes a DC-coupled 50
Ω
source impedance along with RG and RM. Although this
resistor will provide cancellation for the bias current, it must
be well decoupled (0.01
µF in Figure 2) to filter the noise
contribution of the resistor and the input current noise.
As the required RG resistor approaches 50Ω at higher
gains, the bandwidth for the circuit in Figure 2 will far
exceed the bandwidth at that same gain magnitude for the
noninverting circuit of Figure 1. This occurs due to the
lower noise gain for the circuit of Figure 2 when the 50
Ω
source impedance is included in the analysis. For
instance, at a signal gain of −10 (RG = 50Ω, RM = open,
RF = 499Ω) the noise gain for the circuit of Figure 2 will
be 1 + 499
Ω/(50Ω + 50Ω) = 6 as a result of adding the 50Ω
source in the noise gain equation. This gives considerable
higher bandwidth than the noninverting gain of +10. Using
the 240MHz gain bandwidth product for the OPA4820, an
inverting gain of −10 from a 50
Ω source to a 50Ω RG gives
42MHz bandwidth, whereas the noninverting gain of +10
gives 27MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com