Electronic Components Datasheet Search
  English  ▼

X  

OPA4872MDREP Datasheet(PDF) 19 Page - Texas Instruments

Part # OPA4872MDREP
Description  4:1 HIGH-SPEED MULTIPLEXER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA4872MDREP Datasheet(HTML) 19 Page - Texas Instruments

Back Button OPA4872MDREP Datasheet HTML 15Page - Texas Instruments OPA4872MDREP Datasheet HTML 16Page - Texas Instruments OPA4872MDREP Datasheet HTML 17Page - Texas Instruments OPA4872MDREP Datasheet HTML 18Page - Texas Instruments OPA4872MDREP Datasheet HTML 19Page - Texas Instruments OPA4872MDREP Datasheet HTML 20Page - Texas Instruments OPA4872MDREP Datasheet HTML 21Page - Texas Instruments OPA4872MDREP Datasheet HTML 22Page - Texas Instruments OPA4872MDREP Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
P =10V
11.7mA+ 5 /[4
(150
||1046 )] =165mW
´
W
(
)
D
´
W
2
MaximumT =+85 C+(165mW
80 C/W)=98 C
°
´
J
°
°
BOARD LAYOUT GUIDELINES
OPA4872-EP
www.ti.com........................................................................................................................................................................................... SBOS444 – DECEMBER 2008
As a worst-case example, compute the maximum TJ
Again, keep their leads and PCB trace length as short
using an OPA4872ID in the circuit of Figure 27
as possible. Never use wirewound type resistors in a
operating
at
the
maximum
specified
ambient
high-frequency
application.
Other
network
temperature of +85°C with its output driving a
components, such as noninverting input termination
grounded 100-
Ω load to +2.5 V:
resistors, should also be placed close to the package.
d) Connections to other wideband devices on the
board may be made with short direct traces or
through onboard transmission lines. For short
connections, consider the trace and the input to the
next device as a lumped capacitive load. Relatively
This worst-case condition does not exceed the
wide traces (50mils to 100mils) should be used,
maximum
junction
temperature.
Normally,
this
preferably with ground and power planes opened up
extreme case is not encountered.
around them.
Estimate the total capacitive load and set RS from the
plot of Figure 5. Low parasitic capacitive loads
Achieving
optimum
performance
with
a
(greater than 5 pF) may not need an RS because the
high-frequency
amplifier
such
as
the
OPA4872
OPA4872 is nominally compensated to operate with a
requires careful attention to board layout parasitics
2-pF parasitic load. If a long trace is required, and the
and external component types. Recommendations to
6dB signal loss intrinsic to a doubly-terminated
optimize performance include:
transmission line is acceptable, implement a matched
a) Minimize parasitic capacitance to any ac
impedance transmission line using microstrip or
ground for all of the signal I/O pins. Parasitic
stripline techniques (consult an ECL design handbook
capacitance on the output pin can cause instability;
for microstrip and stripline layout techniques). A 50-
Ω
on the noninverting input, it can react with the source
environment is normally not necessary on the board,
impedance to cause unintentional bandlimiting. To
and
in
fact,
a
higher
impedance
environment
reduce unwanted capacitance, a window around the
improves distortion as shown in the Distortion versus
signal I/O pins should be opened in all of the ground
Load plot; see Figure 7. With a characteristic board
and power planes around those pins. Otherwise,
trace impedance defined based on board material
ground and power planes should be unbroken
and trace dimensions, a matching series resistor into
elsewhere on the board.
the trace from the output of the OPA4872 is used as
well as a terminating shunt resistor at the input of the
b) Minimize the distance (< 0.25") from the
destination
device.
Remember
also
that
the
power-supply
pins
to
high
frequency
0.1-
µF
terminating impedance is the parallel combination of
decoupling capacitors. At the device pins, the
the shunt resistor and the input impedance of the
ground and power plane layout should not be in close
destination device; this total effective impedance
proximity to the signal I/O pins. Avoid narrow power
should be set to match the trace impedance. The
and ground traces to minimize inductance between
high output voltage and current capability of the
the
pins
and
the
decoupling
capacitors.
The
OPA4872 allow multiple destination devices to be
power-supply connections (on pins 9, 11, 13, and 15)
handled as separate transmission lines, each with its
should always be decoupled with these capacitors.
own series and shunt terminations. If the 6-dB
An optional supply decoupling capacitor across the
attenuation of a doubly-terminated transmission line
two power supplies (for bipolar operation) improves
is
unacceptable,
a
long
trace
can
be
2nd harmonic distortion performance. Larger (2.2
µF
series-terminated at the source end only. Treat the
to 6.8
µF) decoupling capacitors, effective at lower
trace as a capacitive load in this case and set the
frequency, should also be used on the main supply
series resistor value as shown in Figure 5. This
pins. These capacitors may be placed somewhat
configuration does not preserve signal integrity as
farther from the device and may be shared among
well
as
a
doubly-terminated
line.
If
the
input
several devices in the same area of the PCB.
impedance of the destination device is low, there will
c) Careful selection and placement of external
be some signal attenuation because of the voltage
components
preserves
the
high-frequency
divider
formed
by
the
series
output
into
the
performance of the OPA4872. Resistors should be
terminating impedance.
a very low reactance type. Surface-mount resistors
work best and allow a tighter overall layout. Metal-film
and carbon composition, axially-leaded resistors can
also
provide
good
high-frequency
performance.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): OPA4872-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com