Electronic Components Datasheet Search
  English  ▼

X  

OPA4872MDREP Datasheet(PDF) 5 Page - Texas Instruments

Part # OPA4872MDREP
Description  4:1 HIGH-SPEED MULTIPLEXER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA4872MDREP Datasheet(HTML) 5 Page - Texas Instruments

  OPA4872MDREP Datasheet HTML 1Page - Texas Instruments OPA4872MDREP Datasheet HTML 2Page - Texas Instruments OPA4872MDREP Datasheet HTML 3Page - Texas Instruments OPA4872MDREP Datasheet HTML 4Page - Texas Instruments OPA4872MDREP Datasheet HTML 5Page - Texas Instruments OPA4872MDREP Datasheet HTML 6Page - Texas Instruments OPA4872MDREP Datasheet HTML 7Page - Texas Instruments OPA4872MDREP Datasheet HTML 8Page - Texas Instruments OPA4872MDREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
OPA4872-EP
www.ti.com........................................................................................................................................................................................... SBOS444 – DECEMBER 2008
ELECTRICAL CHARACTERISTICS: VS = ±5 V (continued)
At TA = +25°C, G = +2 V/V, RF = 523 Ω, and RL = 150 Ω, unless otherwise noted.
MIN/MAX OVER
TYP
TEMPERATURE
–55°C to
MIN/
TEST
PARAMETER
CONDITIONS
+25°C
+25°C
(2)
+125°C
(3)
UNITS
MAX
LEVEL
(1)
ENABLE (EN)
Power-down supply current
VEN = 0 V
3.4
3.6
4.3
mA
max
A
Disable time
VIN = ±0.25 VDC
25
ns
typ
C
Enable time
VIN = ±0.25 VDC
6
ns
typ
C
Off isolation
G = +2 V/V, f = 10 MHz
88
dB
typ
C
Output resistance in disable
14
M
Ω
typ
C
Output capacitance in disable
2.5
pF
typ
C
DIGITAL INPUTS
Maximum logic 0
A0, A1, EN, SD
0.8
0.8
V
max
B
Minimum logic 1
A0, A1, EN, SD
2.0
2.0
V
min
B
Logic input current
A0 , A1, EN, SD, input = 0V each line
32
40
55
µA
max
A
Output switching glitch
Channel selection, at matched load
±20
mV
typ
C
Channel disable, at matched load
±40
mV
typ
C
Shutdown, at matched load
±40
mV
typ
C
SHUTDOWN
Shutdown supply current
VSD = 0 V
1.1
1.3
2.0
mA
max
A
Shutdown time
VIN = ±0.25 VDC
75
ns
typ
C
Enable time
VIN = ±0.25 VDC
15
ns
typ
C
Off isolation
G = +2 V/V, f = 10 MHz
88
dB
typ
C
Output resistance in shutdown
14
M
Ω
typ
C
Output capacitance in shutdown
2.5
pF
typ
C
POWER SUPPLY
Specified operating voltage
±5
V
typ
C
Minimum operating voltage
±3.5
±3.5
V
min
B
Maximum operating voltage
±6.0
±6.0
V
max
A
Maximum quiescent current
VS = ±5 V
10.6
11
12.5
mA
max
A
Minimum quiescent current
VS = ±5 V
10.6
10
8.25
mA
min
A
(+PSRR)
Input-referred
–56
–50
–42
dB
min
A
Power-supply rejection ratio
(–PSRR)
Input-referred
–57
–51
–43
dB
min
A
THERMAL CHARACTERISTICS
Specified operating range, D package
–55 to +125
°C
typ
C
Thermal resistance,
θ
JA
Junction-to-ambient
D
SO-14
80
°C/W
typ
C
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): OPA4872-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com