Electronic Components Datasheet Search
  English  ▼

X  

OPA693 Datasheet(PDF) 2 Page - Texas Instruments

Part # OPA693
Description  Ultra-Wideband, Fixed Gain Video BUFFER AMPLIFIER with Disable
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA693 Datasheet(HTML) 2 Page - Texas Instruments

  OPA693 Datasheet HTML 1Page - Texas Instruments OPA693 Datasheet HTML 2Page - Texas Instruments OPA693 Datasheet HTML 3Page - Texas Instruments OPA693 Datasheet HTML 4Page - Texas Instruments OPA693 Datasheet HTML 5Page - Texas Instruments OPA693 Datasheet HTML 6Page - Texas Instruments OPA693 Datasheet HTML 7Page - Texas Instruments OPA693 Datasheet HTML 8Page - Texas Instruments OPA693 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
OPA693
2
SBOS285A
www.ti.com
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE-LEAD
DESIGNATOR
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
OPA693
SO-8
D
–40
°C to +85°C
OPA693D
OPA693ID
Rails, 100
""
"
"
"
OPA693IDR
Tape and Reel, 2500
OPA693
SOT23-6
DBV
–40
°C to +85°C
C59
OPA693IDBVT
Tape and Reel, 250
""
"
"
"
OPA693IDBVR
Tape and Reel, 3000
NOTE: (1) For the most current specifications and package information, refer to our web site at www.ti.com.
ABSOLUTE MAXIMUM RATINGS(1)
Power Supply ...............................................................................
±6.5V
DC
Internal Power Dissipation(2) ............................ See Thermal Information
Differential Input Voltage ..................................................................
±1.2V
Input Voltage Range ............................................................................
±V
S
Storage Temperature Range: D, DVB ........................... –65
°C to +125°C
Lead Temperature (soldering, 10s) .............................................. +300
°C
Junction Temperature (TJ ) ........................................................... +150°C
ESD Rating (Human Body Model) .................................................. 2000V
(Charge Device Model) ............................................... 1000V
(Machine Model) ............................................................ 100V
NOTES:: (1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods may degrade
device reliability. These are stress ratings only, and functional operation of the
device at these or any other conditions beyond those specified is not implied.
(2) Packages must be derated based on specified
θ
JA. Maximum TJ must be
observed.
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet its
published specifications.
PIN CONFIGURATION
Top View
SO
Top View
SOT23
PACKAGE/ORDERING INFORMATION(1)
1
2
3
4
8
7
6
5
DIS
+V
S
Output
NC
RF
300
Ω
RG
300
Ω
NC
−IN
+IN
−V
S
NC = No Connection
1
2
3
6
5
4
Output
−V
S
+IN
+V
S
DIS
−IN
R
F
300
Ω
R
G
300
Ω
12
3
65
4
Pin Orientation/Package Marking
C59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com