Electronic Components Datasheet Search
  English  ▼

X  

OPA693 Datasheet(PDF) 10 Page - Texas Instruments

Part # OPA693
Description  Ultra-Wideband, Fixed Gain Video BUFFER AMPLIFIER with Disable
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA693 Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA693 Datasheet HTML 6Page - Texas Instruments OPA693 Datasheet HTML 7Page - Texas Instruments OPA693 Datasheet HTML 8Page - Texas Instruments OPA693 Datasheet HTML 9Page - Texas Instruments OPA693 Datasheet HTML 10Page - Texas Instruments OPA693 Datasheet HTML 11Page - Texas Instruments OPA693 Datasheet HTML 12Page - Texas Instruments OPA693 Datasheet HTML 13Page - Texas Instruments OPA693 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
OPA693
10
SBOS285A
www.ti.com
TYPICAL CHARACTERISTICS: V
S = ±5V (Cont.)
At TA = +25°C, G = +2, and RL = 100Ω, unless otherwise specified.
65
60
55
50
45
40
35
30
25
20
Frequency (Hz)
1k
10k
100k
1M
10M
100M
PSRR vs FREQUENCY
+PSRR
–PSRR
Time (50ns/div)
INVERTING OVERDRIVE RECOVERY
6
4
2
0
−2
−4
−6
G =
−1
R
L = 100Ω
See Figure 3
Input
Output
Time (50ns/div)
NONINVERTING OVERDRIVE RECOVERY
6
4
2
0
−2
−4
−6
G = +2
R
L = 100Ω
See Figure 1
Input
Output
150
140
130
120
110
100
15
14
13
12
11
10
SUPPLY AND OUTPUT CURRENT vs TEMPERATURE
Ambient Temperature (
°C)
–50
–25
0
25
50
75
100
125
Supply Current
Right Scale
Left Scale
Sinking Output Current
Sourcing Output Current
5
4
3
2
1
0
−1
−2
−3
−4
−5
−250 −200 −150 −100 −50
0
250
200
150
100
50
I
O (mA)
OUTPUT VOLTAGE AND CURRENT LIMITATIONS
1W Internal
Power
Boundary
1W Internal
Power
Boundary
100
Ω Load Line
50
Ω Load Line
20
Ω Load Line
10
1
0.1
CLOSED-LOOP OUTPUT IMPEDANCE
Frequency (Hz)
10k
100M
100k
1M
10M
OPA693
300
Ω
+5V
–5V
300
Ω
50
Ω
Z
O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com