Electronic Components Datasheet Search
  English  ▼

X  

SBOU006 Datasheet(PDF) 5 Page - Texas Instruments

Part # SBOU006
Description  Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SBOU006 Datasheet(HTML) 5 Page - Texas Instruments

  SBOU006 Datasheet HTML 1Page - Texas Instruments SBOU006 Datasheet HTML 2Page - Texas Instruments SBOU006 Datasheet HTML 3Page - Texas Instruments SBOU006 Datasheet HTML 4Page - Texas Instruments SBOU006 Datasheet HTML 5Page - Texas Instruments SBOU006 Datasheet HTML 6Page - Texas Instruments SBOU006 Datasheet HTML 7Page - Texas Instruments SBOU006 Datasheet HTML 8Page - Texas Instruments SBOU006 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
OPA3692
SBOS228E
5
www.ti.com
TYPICAL CHARACTERISTICS: VS = ±5V
TA = +25°C, G = +2 (–In grounded), and RL = 100Ω, (see Figure 1 for AC performance only), unless otherwise noted.
1
0
–1
–2
–3
–4
–5
–6
–7
–8
Frequency (50MHz/div)
0
500MHz
250MHz
SMALL-SIGNAL FREQUENCY RESPONSE
G = +2
G = +1
G = –1
7
6
5
4
3
2
Frequency (25MHz/div)
0
250MHz
125MHz
LARGE-SIGNAL FREQUENCY RESPONSE
V
O = 1Vp-p
V
O = 2Vp-p
V
O = 7Vp-p
V
O = 4Vp-p
400
300
200
100
0
–100
–200
–300
–400
SMALL-SIGNAL PULSE RESPONSE
V
O = 0.5Vp-p
G = +2
Time (5ns/div)
4
3
2
1
0
–1
–2
–3
–4
LARGE-SIGNAL PULSE RESPONSE
Time (5ns/div)
V
O = 5Vp-p
G = +2
0.20
0.18
0.16
0.14
0.12
0.10
0.08
0.06
0.04
0.02
0
Number of 150
Ω Loads
12
3
4
COMPOSITE VIDEO dG/dP
dP
dP
dG
dG
1/3
OPA3692
Video In
Video Loads
–5V
+5V
DIS
Optional
1.3k
Ω
Pull-Down
No Pull-Down
With 1.3k
Ω Pull-Down
DISABLED FEEDTHROUGH vs FREQUENCY
–50
–55
–60
–65
–70
–75
–80
–85
–90
–95
Frequency (MHz)
1
0.5
10
100
V
DIS = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com