Electronic Components Datasheet Search
  English  ▼

X  

SBOU006 Datasheet(PDF) 1 Page - Texas Instruments

Part # SBOU006
Description  Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SBOU006 Datasheet(HTML) 1 Page - Texas Instruments

  SBOU006 Datasheet HTML 1Page - Texas Instruments SBOU006 Datasheet HTML 2Page - Texas Instruments SBOU006 Datasheet HTML 3Page - Texas Instruments SBOU006 Datasheet HTML 4Page - Texas Instruments SBOU006 Datasheet HTML 5Page - Texas Instruments SBOU006 Datasheet HTML 6Page - Texas Instruments SBOU006 Datasheet HTML 7Page - Texas Instruments SBOU006 Datasheet HTML 8Page - Texas Instruments SBOU006 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
www.ti.com
Triple, Wideband, Fixed Gain
Video BUFFER AMPLIFIER With Disable
FEATURES
q FLEXIBLE SUPPLY RANGE:
+5V to +12V Single Supply
±2.5V to ±6V Dual Supplies
q INTERNALLY FIXED GAIN: +2 or
±1
q HIGH BANDWIDTH (G = +2): 225MHz
q LOW SUPPLY CURRENT: 5.1mA/ch
q LOW DISABLED CURRENT: 150
µA/ch
q HIGH OUTPUT CURRENT: 190mA
q OUTPUT VOLTAGE SWING:
±4.0V
q IMPROVED HIGH-FREQUENCY PINOUT
APPLICATIONS
q RGB VIDEO LINE DRIVERS
q MULTIPLE LINE VIDEO DAs
q PORTABLE INSTRUMENTS
q ADC BUFFERS
q ACTIVE FILTERS
q WIDEBAND DIFFERENTIAL RECEIVERS
q IMPROVED UPGRADE TO OPA3682
DESCRIPTION
The OPA3692 provides an easy-to-use, broadband fixed
gain, triple buffer amplifier. Depending on the external
connections, the internal resistor network may be used to
provide either a fixed gain of +2 video buffer, or a gain of +1
or –1 voltage buffer. Operating on a very low 5.1mA/ch
supply current, the OPA3692 offers a slew rate and output
power normally associated with a much higher supply cur-
rent. A new output stage architecture delivers high output
current with minimal headroom and crossover distortion.
This gives exceptional single-supply operation. Using a
single +5V supply, the OPA3692 can deliver a 1V to 4V
output swing with over 120mA drive current and > 200MHz
bandwidth. This combination of features makes the OPA3692
an ideal RGB line driver or single-supply, triple Analog-to-
Digital Converter (ADC) input driver.
The low 5.1mA/ch supply current of the OPA3692 is precisely
trimmed at +25
°C. This trim, along with low drift over tempera-
ture, ensures lower maximum supply current than competing
products that report only a room temperature nominal supply
current. System power can be further reduced by using the
optional disable control pin. Leaving this disable pin open, or
holding it HIGH, gives normal operation. If pulled LOW, the
OPA3692 supply current drops to less than 150
µA/ch while
the output goes into a high-impedance state. This feature
may be used for power savings.
OPA3692
SBOS228E – FEBRUARY 2002 – REVISED DECEMBER 2008
www.ti.com
Copyright © 2002-2008, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
OPA3692 RELATED PRODUCTS
SINGLES
DUALS
TRIPLES
Voltage-Feedback
OPA690
OPA2690
OPA3690
Current-Feedback
OPA691
OPA2691
OPA3691
Fixed Gain
OPA692
—
OPA3682
OPA3692
1/3
OPA3692
402
Ω
402
Ω
75.0
Ω
75.0
Ω
RG-59
V
R
1/3
OPA3692
402
Ω
402
Ω
75.0
Ω
75.0
Ω
RG-59
V
G
1/3
OPA3692
402
Ω
402
Ω
75.0
Ω
75
Ω Cable
75
Ω Cable
75
Ω Cable
75.0
Ω
RG-59
V
B
RGB Line Driver
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
All trademarks are the property of their respective owners.


Similar Part No. - SBOU006

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SBOU006 TI2-SBOU006 Datasheet
903Kb / 33P
Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
REVISED JULY 2008
More results

Similar Description - SBOU006

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2682 BURR-BROWN-OPA2682 Datasheet
182Kb / 19P
Dual, Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
OPA3682 BURR-BROWN-OPA3682 Datasheet
234Kb / 19P
Triple, Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
OPA682 BURR-BROWN-OPA682 Datasheet
213Kb / 20P
Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
OPA693 BURR-BROWN-OPA693 Datasheet
522Kb / 25P
Ultra-Wideband, Fixed Gain Video BUFFER AMPLIFIER with Disable
OPA692 BURR-BROWN-OPA692 Datasheet
498Kb / 26P
Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
OPA3693 BURR-BROWN-OPA3693 Datasheet
942Kb / 29P
Triple, Ultra-Wideband, Fixed-Gain, VIDEO BUFFER with Disable
OPA3693 BURR-BROWN-OPA3693_07 Datasheet
945Kb / 31P
Triple, Ultra-Wideband, Fixed-Gain, VIDEO BUFFER with Disable
logo
Texas Instruments
OPA692IDBVTG4 TI-OPA692IDBVTG4 Datasheet
1Mb / 30P
Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
OPA3692IDBQT TI1-OPA3692IDBQT Datasheet
911Kb / 26P
Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
OPA3692IDBQT TI-OPA3692IDBQT Datasheet
1Mb / 27P
Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com